Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWP-300 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWP-300
Description  FWP 700V 5-1200A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-300 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWP-300 Datasheet HTML 1Page - Cooper Bussmann, Inc. FWP-300 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bussmann®
Form No. FWP 700
Page 1 of 2
Data Sheet: 720012
FWP 700V
5-1200A
®
3-6-02
A02008
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2 Sec)
Carton
Current
Clearing
Watts
Part
Carton
Weight
Figure
Type
RMS-Amps
Pre-arc
at 700V
Loss
Number
Qty.
(lbs)
Number
BIF #
5
1.6
10
1.5
FWP-5B
__________________________________________________________________________
10
3.6
20
4
FWP-10B
__________________________________________________________________________
15
10
75
5.5
FWP-15B
__________________________________________________________________________
20
26
180
6
FWP-20B
10
2.25
35785316
__________________________________________________________________________
25
44
340
7
FWP-25B
__________________________________________________________________________
30
58
450
9
FWP-30B
__________________________________________________________________________________________________
35
34
160
12
FWP-35B
__________________________________________________________________________
40
76
320
12
FWP-40B
__________________________________________________________________________
50
135
600
12
FWP-50B
5
1.21
__________________________________________________________________________
60
210
950
15.5
FWP-60B
35785308
_________________________________________________________________________________________________
70
305
2000
18
FWP-70B
__________________________________________________________________________
80
360
2400
21
FWP-80B
__________________________________________________________________________
90
415
2700
25
FWP-90B
0.24
__________________________________________________________________________
100
540
3500
27
FWP-100B
Fig. 1
__________________________________________________________________________
____________
125
1800
7300
28
FWP-125A
__________________________________________________________________________
FWP
150
2900
11700
32
FWP-150A
__________________________________________________________________________
700V
175
4200
16700
35
FWP-175A
0.65
__________________________________________________________________________
200
5500
22000
43
FWP-200A
__________________________________________________________________________
____________
225
7700
31300
45
FWP-225A
361
__________________________________________________________________________
250
10500
42500
48
FWP-250A
__________________________________________________________________________
300
17600
71200
58
FWP-300A
1
1.17
__________________________________________________________________________
350
23700
95600
65
FWP-350A
__________________________________________________________________________
400
31000
125000
78
FWP-400A
__________________________________________________________________________
____________
450
36400
137000
94
FWP-450A
__________________________________________________________________________
500
45200
170000
107
FWP-500A
2.39
__________________________________________________________________________
600
66700
250000
122
FWP-600A
__________________________________________________________________________
____________
700
54000
300000
125
FWP-700A
__________________________________________________________________________
800
78000
450000
140
FWP-800A
1.21
__________________________________________________________________________
_______________________
900
91500
530000
150
FWP-900A
Fig. 2
35785308
__________________________________________________________________________
1000
120000
600000
170
FWP-1000A
6.60
__________________________________________________________________________
___________
1200
195000
1100000
190
FWP-1200A
Fig. 3
Interrupting rating 200kA RMS Symmetrical.
1 kg = 2.2 lbs
1 lb = 0.45 kg
Watts loss provided at rated current.
(700 Vdc/Interrupting rating 50kA) U.L. Recognition & CSA Component Acceptance on 5 through 100 & 700 through 800 amperes.
(700 Vdc/Interrupting rating 10kA) U.L. Recognition & CSA Component Acceptance on 125 through 600 amperes.
R


Similar Part No. - FWP-300

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-300A COOPER-FWP-300A Datasheet
750Kb / 20P
   High Speed Fuses
FWP-300A COOPER-FWP-300A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-300A COOPER-FWP-300A Datasheet
32Kb / 2P
   125-600A, 700 Volts
More results

Similar Description - FWP-300

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
   700V 0.8A
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12_1 Datasheet
197Kb / 3P
   1200A 1200V
logo
Xiamen silicon-top opto...
YAS1 SILICON-TOP-YAS1 Datasheet
899Kb / 7P
   700V SSR
logo
MacMic
MM8F70K MACMIC-MM8F70K Datasheet
649Kb / 3P
   700V 8A FRED
logo
Xiamen silicon-top opto...
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
   700V 2A SSR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com