Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150K60A Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 150K60A
Description  20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

150K60A Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  150K60A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 150K60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150K60A VISHAY-150K60A Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
150K60A VISHAY-150K60A Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
150K60A NJSEMI-150K60A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
logo
America Semiconductor, ...
150K60A AMERICASEMI-150K60A Datasheet
436Kb / 2P
   DO8 STUD DEVICES STANDARD RECTIFIER
logo
GeneSiC Semiconductor, ...
150K60A GENESIC-150K60A Datasheet
719Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 150K60A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IN3491 NJSEMI-IN3491 Datasheet
44Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Toshiba Semiconductor
2SA495 TOSHIBA-2SA495 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
New Jersey Semi-Conduct...
2N3053 NJSEMI-2N3053 Datasheet
82Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2903 NJSEMI-2N2903 Datasheet
102Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2432A NJSEMI-2N2432A Datasheet
191Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2528 NJSEMI-2N2528 Datasheet
95Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2453A NJSEMI-2N2453A Datasheet
83Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2369A NJSEMI-2N2369A Datasheet
126Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N2060 NJSEMI-2N2060 Datasheet
133Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
2N3072 NJSEMI-2N3072 Datasheet
152Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com