Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9159C-14 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9159C-14
Description  Frequency Generator and Integrated Buffer for PENTIUM?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159C-14 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9159C-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159C-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9159C-14
Electrical Characteristics at 5.5V
VDD = 4.5 – 5.5 V, TA = 0 – 70° C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
1
Tr1
20pF load, 0.8 to 2.0V
PCLK & BCLK
-
0.55
0.95
ns
Fall Time
1
Tf1
20pF load, 2.0 to 0.8V
PCLK & BCLK
-
0.52
0.90
ns
Rise Time
1
Tr2
20pF load, 20% to 80%
PCLK & BCLK
-
1.2
2.1
ns
Fall Time
1
Tf2
20pF load, 80% to 20%
PCLK & BCLK
-
1.1
2.0
ns
Duty Cycle
1
Dt1
20pF load @ VOUT=1.4V
50
57
60
%
Duty Cycle
1
Dt2
20pF load @ VOUT=50%
45
50
55
%
Jitter, One Sigma
1
Tj1s1
PCLK & BCLK;
Load=20pF, Rs=33
-
50
150
ps
Jitter, Absolute
1
Tjab1
PCLK & BCLK;
Load=20pF, Rs=33
-250
-
250
ps
Jitter, One Sigma
1
Tj1s2
REF CLKs; Load=20pF Rs=33
-1
3
%
Jitter, Absolute
1
Tjab2
REF CLKs; Load=20pF Rs=33
-5
2
5
%
Input Frequency
1
Fi
12.0
14.318
16.0
MHz
Logic Input Capacitance
1
CIN
Logic input pins
-
5
-
pF
Crystal
OscillatorCapacitance
1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time
1
ton
From VDD=1.6V to 1st crossing
of 66.5 MHz VDD supply
ramp < 40ms
-
2.5
4.5
ms
Frequency Settling Time
1
ts
From 1st crossing of acquisition
to < 1% settling
-
2.0
4.0
ms
Clock Skew Window
1
Tsk1
PCLK to PCLK;
Load=20pF; @1.4V
-
150
250
ps
Clock Skew Window
1
Tsk2
BCLK to BCLK;
Load=20pF; @1.4V
-
300
500
ps
Clock Skew Window
1
Tsk3
PCLK & BCLK;
Load=20pF; @1.4V
12.6
5
ns


Similar Part No. - ICS9159C-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9159C-02CW28 ICST-ICS9159C-02CW28 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
More results

Similar Description - ICS9159C-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
   Frequency Generator and Buffer for Pentium Systems
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
   Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
logo
Integrated Circuit Syst...
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
   Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
   Frequency Generator and Integrated Buffer for PowerPC
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
   Frequency Generator and Integrated Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com