Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9159C-02 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9159C-02
Description  Frequency Generator and Integrated Buffer for PENTIUMTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159C-02 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9159C-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159C-02 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS9159C-02
Absolute Maximum Ratings
Electrical Characteristics at 3.3 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stess specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
SupplyVoltage ......................................................................................... 7.0V
Logic Inputs ..................................................... GND - 0.5 V to VDD + 0.5 V
Ambient .................................................... OperatingTemperature0 to +70 C
Storage Temperature .................................................................. 65 to +150 C
VDD = 3.0 - 3.7 V, TA = 0 - 70oC unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
-
-
V
Input Low Current
IIL
VIN=0V
-28.0
-10.5
-
mA
Input High Current
IIH
VIN=VDD
-5.0
-
5.0
mA
Output Low Current1
IOL
VOL=0.8V for PCLKS & BCLKS
30.0
47.0
-
mA
Output High Current
1
IOH
VOL=2.0V for PCLKS & BCLKS
-
-66.0
-42.0
mA
Output Low Current
1
IOL
VOL=0.8V for fixed CLKs
25.0
38.0
-
mA
Output High Current
1
IOH
VOL=2.0V for fixed CLKs
-
-47.0
-30.0
mA
Output Low Voltage
1
VOL
IOL=15mA for PCLKS & BCLKS
-
0.3
0.4
V
Output High
Voltage
1
VOH
IOH=-30mA for PCLKS & BCLKS
2.4
2.8
-
V
Output Low Voltage
1
VOL
IOL=12.5mA for fixed CLKs
-
0.3
0.4
V
Output High
Voltage
1
VOH
IOH=-20mA for fixed CLKs
2.4
2.8
-
V
Supply Current
IDD
@66.5 MHz all outputs unloaded
-
55
110
mA


Similar Part No. - ICS9159C-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
More results

Similar Description - ICS9159C-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
   Frequency Generator and Integrated Buffer for PowerPC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com