Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMR316B7105ML-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMR316B7105ML-T
Description  High Reliability (Automotive) Application Multilayer Ceramic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMR316B7105ML-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TMR316B7105ML-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMR316B7105ML-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
High Reliability(Automotive)Application Multilayer Ceramic Capacitors
TMR316B7105ML-T
Features
Item Summary
25V, X7R, 1μF, ±20%, 1206
Lifecycle Stage
Mass Production
meet AEC-Q200 requirements
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
External Dimensions (EIA/JIS)
1206/3216
Rated Voltage (max)
25V
Capacitance
1μF
Capacitance Tolerance
±20%
Resistance
500 MΩ・μF min.
Dielectric Loss Tangent
3.5%MAX
Temperature Characteristics (EIA/JIS)
X7R/-
Temperature Range (EIA/JIS)
-55 to +125℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.15
W
1.6mm ±0.15
T
1.6mm ±0.20
e
0.5mm +0.35:-0.25
2015.01.15
1 / 1


Similar Part No. - TMR316B7105ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMR316B7105KL-T TAIYO-YUDEN-TMR316B7105KL-T Datasheet
288Kb / 2P
   High Reliability (Automotive)Application Multilayer Ceramic
More results

Similar Description - TMR316B7105ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMR212B7224KG-T TAIYO-YUDEN-UMR212B7224KG-T Datasheet
291Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
EMR107B7474MA-T TAIYO-YUDEN-EMR107B7474MA-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
TMR325B7106MM-T TAIYO-YUDEN-TMR325B7106MM-T Datasheet
286Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
LMR212B7225KG-T TAIYO-YUDEN-LMR212B7225KG-T Datasheet
291Kb / 2P
   High Reliability(Automotive)Application Multilayer Ceramic
TMR325B7475KN-T TAIYO-YUDEN-TMR325B7475KN-T Datasheet
288Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7104KG-T TAIYO-YUDEN-UMR212B7104KG-T Datasheet
291Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7104MG-T TAIYO-YUDEN-UMR212B7104MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7224MG-T TAIYO-YUDEN-UMR212B7224MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
LMR212B7225MG-T TAIYO-YUDEN-LMR212B7225MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
TMR325B7225MN-T TAIYO-YUDEN-TMR325B7225MN-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com