Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9158-05M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9158-05M
Description  Buffered Clock Generator for Pentium??/Triton??Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9158-05M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9158-05M Datasheet HTML 1Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 2Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 3Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 4Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 5Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 6Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9158-05
Block Diagram
9158-05 Rev B 05/08/97
Applications
The ICS9158-05 is a low cost frequency generator designed
specifically to clock Pentium systems using the Triton chip
set. Three copies of the CPU clock are available at 50, 60, or
66.7 MHz. Five copies of the synchronous BUS clock run at
half the CPU frequency. A 14.318 MHz REFCLK, 12 MHz,
KEYBD, and 24 MHz FLOPPY clock are also provided.
Each high drive output is capable of driving a 30pF load with
better than 1V/ns typical slew and have a duty cycle of 50±5%.
The synchronous outputs are skew controlled to within±250ps
and CPU clocks lead BUS clocks by 2-5ns.
Glitch-free start and stop of the CPU and BUS clocks is
provided as well as a power-down mode with all clocks forced
low and the internal oscillators and PLLs powered-down.
Power-up time is less than 10ns. All frequency transitions are
gradual and meet the Intel cycle-to-cycle timing specification
for 486 and Pentium microprocessors.
3 CPU and 5 synchronous BUS clocks
50/60/66 MHz and glitch-free stop clock selections
±250ps skew between all synchronous outputs
Outputs drive up to 30pF load with 1V/ns slew
2-5ns early CPU clocks support Triton chip set
Compatible with 486 and Pentium CPUs
Consumes less than 10µA in power-down mode
On-chip loop filter components
3.0V - 5.5V supply range
24-pin SOIC package
Ideal for RISC or CISC systems such as 486, Pentium,
PowerPC,™ etc. requiring multiple CPU and
synchronous BUS clocks.
Buffered Clock Generator for Pentium™ /Triton™ Systems
Advanced Information
Pentium and Triton are trademarks of Intel Corporation.
PowerPC is a trademark of Motorola Corporation
ADVANCE INFORMATION documents contain information on
new products in the sampling or preproduction phase of devel-
opment. Characteristic data and other specifications are subject to
change without notice.


Similar Part No. - ICS9158-05M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9158-03CW24 ICST-ICS9158-03CW24 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-04M ICST-ICS9158-04M Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
   Frequency Generator and Integrated Buffer
More results

Similar Description - ICS9158-05M

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
Integrated Circuit Syst...
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
   Frequency Generator for Pentium??Based Systems
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
IMIC9701 ETC1-IMIC9701 Datasheet
699Kb / 10P
   Low EMI Clock Generator for Pentium II Systems with Power Management
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com