Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9158-05M Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9158-05M
Description  Buffered Clock Generator for Pentium??/Triton??Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9158-05M Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9158-05M Datasheet HTML 1Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 2Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 3Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 4Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 5Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 6Page - Integrated Circuit Systems ICS9158-05M Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9158-05
Advanced Information
Pin Configuration
Pin Descriptions for ICS9158-05
24-Pin SOIC
* Input pin has internal pull-up to VDD.
Functionality
VDD = +5V±10%, TA=0°C to 70°C unless otherwise stated
PD# forces all outputs low and powers-down the oscillator and PLL
circuitry, minimizing power consumption. In order to ensure glitch-free start
and stop of the CPU and BUS clocks, PD# should be asserted after the
CPU and BUS clocks have stopped, and be deasserted 10ms (maximum
PLL lock time) prior to starting the clocks.
OE
PD#
FLOPPY (MHz)
KEYBD (MHz)
1
1
24
12
1
0
Low
Low
0
X
Tristate
Tristate
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
REFCLK
OUT
14.318 clock output.
2
X2
OUT
Crystal connection, which includes output crystal load capacitance.
3X1
IN
Crystal connection, which includes crystal load capacitance and feedback bias
for a nominal 14.31818 MHz parallel-resonance 12pF crystal.
4
VDD
PWR
Digital POWER SUPPLY.
5
GND
PWR
Digital GROUND.
6
KEYBD
OUT
12 MHz keyboard clock output.
7
FLOPPY
OUT
24 MHz floppy disk clock output.
8
BUS0
OUT
BUS clock output.
9
AGND
PWR
ANALOG GROUND.
10
OE
IN
OUTPUT ENABLE. Tristates all outputs when low.*
11
BUS1
OUT
BUS clock output.
12
GND
PWR
Digital GROUND.
13
CPU0
OUT
CPU clock output.
14
CPU1
OUT
CPU clock output.
15
PD#
IN
Power-down input shuts off both PLL stages when low.*
16
AVDD
PWR
ANALOG power supply.
17
BUS2
OUT
CPU clock output.
18
BUS3
OUT
BUS clock output.
19
GND
PWR
Digital GROUND.
20
VDD
PWR
Digital POWER SUPPLY.
21
CPU2
OUT
CPU clock output.
22
BUS4
OUT
BUS clock output.
23
FS1
IN
Clock frequency select #1.*
24
FS0
IN
Clock frequency select #0.*
OE
PD#
FS1
FS0
CPU
Ratio
X1,X2,
REF
(MHz)
CPU
(0:2)
(MHz)
BUS
(0:4)
(MHz)
1
1
0
0
14/4xX1
14.318
50
25
1
1
0
1
14/3xX1
14.318
66.7
33.3
1
1
1
0
42/10xX1
14.318
60
30
1
1
1
1
(STOP)
14.318
Low
Low
10
X
X
(PWR
DOWN)
Low
*Low
*Low
0
X
X
X
-
Tristate
Tristate
Tristate


Similar Part No. - ICS9158-05M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9158-03CW24 ICST-ICS9158-03CW24 Datasheet
167Kb / 7P
   Frequency Generator and Integrated Buffer
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-04M ICST-ICS9158-04M Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
   Frequency Generator and Integrated Buffer
More results

Similar Description - ICS9158-05M

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
Integrated Circuit Syst...
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
   Frequency Generator for Pentium??Based Systems
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
IMIC9701 ETC1-IMIC9701 Datasheet
699Kb / 10P
   Low EMI Clock Generator for Pentium II Systems with Power Management
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com