Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-5701G_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-5701G_2015
Description  622 Mbps Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-5701G_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-5701G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-5701G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-5701G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-5701G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-5701G_2015 Datasheet HTML 5Page - Optoway Technology Inc SPM-5701G_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-5701G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-5701G / SPM-5701BG / SPM-5701AG
(SC BIDI SFP)
(RoHS Compliant)
SPM-5701LG / SPM-5701BLG / SPM-5701ALG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-5701G
l Simplex LC Connector: SPM-5701LG
l 1550 nm LD Transmitter
l 1310 nm Receiver
l Distance: 0 to 1000 m
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-5701G
l -10 to 85oC Operating : SPM-5701BG
l -40 to 85oC Operating : SPM-5701AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-5701G series is small form factor pluggable
module for multi-mode fiber Fast Ethernet, Fibre Channel
and OC-12 /
STM-4 SONET / SDH single fiber
communications by using 1550 nm transmitter and 1310 nm
receiver. It is with the SFP 20-pin connector to allow hot
plug capability. The transmitter section uses a multiple
quantum well 1550 nm laser and is a class 1 laser compliant
according to International Safety Standard IEC 60825. The
receiver section uses an integrated 1310 nm detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-5701G
622
0 to 1000
1550
1310
SC SFP
0 to 70
-8 to -15
-26
Yes
SPM-5701BG
622
0 to 1000
1550
1310
SC SFP
-10 to 85
-8 to -15
-26
Yes
SPM-5701AG
622
0 to 1000
1550
1310
SC SFP
-40 to 85
-8 to -15
-26
Yes
SPM-5701LG
622
0 to 1000
1550
1310
LC SFP
0 to 70
-8 to -15
-26
Yes
SPM-5701BLG
622
0 to 1000
1550
1310
LC SFP
-10 to 85
-8 to -15
-26
Yes
SPM-5701ALG
622
0 to 1000
1550
1310
LC SFP
-40 to 85
-8 to -15
-26
Yes


Similar Part No. - SPM-5701G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5701G OPTOWAY-SPM-5701G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G OPTOWAY-SPM-5701G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-5701G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G OPTOWAY-SPM-5701G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G_2015 OPTOWAY-SPM-5601G_2015 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701WG_2015 OPTOWAY-SPM-5701WG_2015 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5601WG OPTOWAY-SPM-5601WG_15 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5601WG_2015 OPTOWAY-SPM-5601WG_2015 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5701WG OPTOWAY-SPM-5701WG_15 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPB-57120-1510G OPTOWAY-SPB-57120-1510G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G OPTOWAY-SPB-5720G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G_2015 OPTOWAY-SPB-5720G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com