Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-4100RWG_2015 Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPM-4100RWG_2015
Description  850 nm Digital Diagnostic Multi-Rate CPRI MM SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-4100RWG_2015 Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPM-4100RWG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-4100RWG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-4100RWG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-4100RWG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-4100RWG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPM-4100RWG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/9/1 V3.0
4
RECOMMENDED CIRCUIT SCHEMATIC
0.1
μF
22
μF
0.1
μF
22
μF
Vee R
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
Vee T
4 .7
μH
4 .7
μH
TD -
TD +
Vcc T
Vcc R
RD -
RD +
100
Ω
SFP+ module
SerDes
100
Ω
LOS
RD -
RD +
TD -
TD +
0.1
μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_ABS
SCL
SDA
10 K
Ω
10 K
Ω
10 K
Ω
10 K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(10,11,14)
6
5
4
10 K
Ω
Vcc 3.3V
Vcc 3.3V
IC
IC
depending on SERDES
0.1
μF
30K
Ω
30K
Ω
RS1
RS0
7
9
TX Rate Select
RXRate Select
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPM-4100RWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-4100RWG OPTOWAY-SPM-4100RWG_15 Datasheet
189Kb / 5P
   850 nm Digital Diagnostic Multi-Rate CPRI MM SFP
More results

Similar Description - SPM-4100RWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-4100RWG OPTOWAY-SPM-4100RWG_15 Datasheet
189Kb / 5P
   850 nm Digital Diagnostic Multi-Rate CPRI MM SFP
SPM-4100RWG OPTOWAY-SPM-4100RWG Datasheet
169Kb / 5P
   6.144 Gbps / 850 nm Digital Diagnostic Multi-Rate CPRI MMSFP
SPS-4102RWG_2015 OPTOWAY-SPS-4102RWG_2015 Datasheet
167Kb / 5P
   2 km Digital Diagnostic Multi-Rate CPRI SM SFP
SPS-4102RWG OPTOWAY-SPS-4102RWG_15 Datasheet
167Kb / 5P
   2 km Digital Diagnostic Multi-Rate CPRI SM SFP
SPS-4102RWG OPTOWAY-SPS-4102RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 2 km Digital Diagnostic Multi-Rate CPRI SM SFP
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-4170RWG OPTOWAY-SPS-4170RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 70 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4110RWG OPTOWAY-SPS-4110RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 10 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4120RWG OPTOWAY-SPS-4120RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 20 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4340RW_2015 OPTOWAY-SPS-4340RW_2015 Datasheet
165Kb / 5P
   40 km Digital Diagnostic Multi-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com