Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADDC02815DA Datasheet(PDF) 1 Page - Analog Devices

Part # ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Datasheet(HTML) 1 Page - Analog Devices

  ADDC02815DA_15 Datasheet HTML 1Page - Analog Devices ADDC02815DA_15 Datasheet HTML 2Page - Analog Devices ADDC02815DA_15 Datasheet HTML 3Page - Analog Devices ADDC02815DA_15 Datasheet HTML 4Page - Analog Devices ADDC02815DA_15 Datasheet HTML 5Page - Analog Devices ADDC02815DA_15 Datasheet HTML 6Page - Analog Devices ADDC02815DA_15 Datasheet HTML 7Page - Analog Devices ADDC02815DA_15 Datasheet HTML 8Page - Analog Devices ADDC02815DA_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OBSOLETE
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
28 V/100 W DC/DC Converters
with Integral EMI Filter
ADDC02812DA/ADDC02815DA
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
FILTER
VCOM
VCOM
+SENSE
ADJUST
STATUS
VAUX
INHIBIT
SYNC
ISHARE
TEMP
–VIN
+VIN
FIXED
FREQUENCY
DUAL
INTERLEAVED
POWER TRAIN
–SENSE
–VOUT
–VOUT
+VOUT
+VOUT
INPUT SIDE
CONTROL
CIRCUIT
EMI FILTER
OUTPUT SIDE
CONTROL
CIRCUIT
ADDC02812DA/ADDC02815DA
FEATURES
28 V dc Input,
12 V dc @ 8.34 A, 100 W Output
(ADDC02812DA)
28 V dc Input,
15 V dc @ 6.68 A, 100 W Output
(ADDC02815DA)
Integral EMI Filter Designed to Meet MIL-STD-461D
Low Weight: 80 Grams
NAVMAT Derated
Many Protection and System Features
APPLICATIONS
Commercial and Military Airborne Electronics
Missile Electronics
Space-Based Antennae and Vehicles
Mobile/Portable Ground Equipment
GENERAL DESCRIPTION
The ADDC02812DA and ADDC02815DA hybrid military dc/
dc converters with integral EMI filter offer the highest power
density of any dc/dc power converters with their features and in
their power range available today. The converters with integral
EMI filter are a fixed frequency, 1 MHz, square wave switching
dc/dc power supply. They are not variable frequency resonant
converters. In addition to many protection features, these con-
verters have system level features that allow them to be used as a
component in larger systems as well as a stand-alone power sup-
ply. The units are designed for high reliability and high perfor-
mance applications where saving space and/or weight are
critical.
The ADDC02812DA and ADDC02815DA are available in a
hermetically sealed, molybdenum based hybrid package and are
easily heatsink mountable. For MIL-STD-883 devices, contact
factory for availability.
PRODUCT HIGHLIGHTS
1. 60 W/cubic inch power density with an integral EMI filter
designed to meet all applicable requirements in MIL-STD-
461D when installed in a typical system setup
2. Light weight: 80 grams
3. Operational and survivable over a wide range of input
conditions: 16 V–50 V dc; survives low line, high line, and
positive and negative transients
4. High reliability; NAVMAT derated
5. Protection features include:
Output Overvoltage Protection
Output Short Circuit Current Protection
Thermal Monitor/Shutdown
Input Overvoltage Shutdown
Input Transient Protection
6. System level features include:
Current Sharing for Parallel Operation
Inhibit Control
Output Status Signal
Synchronization for Multiple Units
Input Referenced Auxiliary Voltage


Similar Part No. - ADDC02815DA_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02815DAKV AD-ADDC02815DAKV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV AD-ADDC02815DATV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV/QMLH AD-ADDC02815DATV/QMLH Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

Similar Description - ADDC02815DA_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com