Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBL16R93D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HBL16R93D
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL16R93D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HBL16R93D Datasheet HTML 1Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL16R93D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
2
Hubbell
Safety
Safety of personnel and
equipment is paramount
in any manufacturing
environment. Hubbell
Circuit-Lock® motor
controllers withstand
short circuits and provide
a high degree of safety
across the factory floor.
Disconnect Switches for
Variable Frequency Drives
(VFDs) safely terminate
power to prevent risk of
injury and damage to high-
performance output devices
used for controlling today’s
conveyor systems.
Hubbell
Flexibility
With Hubbell’s wide range
of Circuit-Lock® motor
controllers and disconnects
that offer several mounting
options, NEC® line of sight
requirements are easily
achieved at the equipment
or on the wall in virtually
any industrial environment.
Switches with a compact
footprint, a variety of
NEMA® type enclosures
and plug-and-play
LINKOSITY® make switch
placement easier and
more flexible than ever.
Hubbell
Compliance
Compliance with codes
and regulations is a must in
any industrial environment.
Hubbell motor controllers
meet a variety of
requirements, including
OSHA lockout/tagout,
NSF certification for
hygiene and hazardous
location ratings. Each
Circuit-Lock® motor
controller is UL listed
as “Suitable as Motor
Disconnect”. The NEC®
allows for the disconnect
and controller to be in
one unit.
Hubbell
Productivity
Circuit-Lock® keeps assembly
lines, goods and services
moving. By offering a dual
motor controller-disconnect
rating, power can be safely
terminated at any point in the
circuit to perform maintenance
on a single motor without
shutting down the entire
line. With the plug-and-play
LINKOSITY® power system,
MotorQuick® reduces motor
change-out time by more than
65% to get equipment up and
running faster.
Hubbell’s Circuit-Lock® Manual Motor Controllers
"Suitable as Motor Disconnects"
Hubbell manufactures one of the most complete lines of motor disconnects on the market. Designed to ensure
maximum reliability and performance, Hubbell Circuit-Lock® motor controllers meet or exceed all industry requirements.
Because our Circuit-Lock® motor controllers are also disconnects, they ensure safety, compliance, flexibility and
productivity for today’s industrial and commercial environments. Whether controlling motor loads, safely terminating
power or isolating equipment, Hubbell has the solution for you—no matter what the environment or application.
NEC® is a registered trademark of the National Fire Protection Association (NFPA).
NEMA® is a registered trademark of the National Electrical Manufacturers Association.
Variable Frequency Disconnects
Each Controller is Also a Disconnect


Similar Part No. - HBL16R93D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1008-RP ONSEMI-HBL1008-RP Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1010RP ONSEMI-HBL1010RP Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
More results

Similar Description - HBL16R93D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com