Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST8R00PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics ST8R00PUR Datasheet HTML 10Page - STMicroelectronics ST8R00PUR Datasheet HTML 11Page - STMicroelectronics ST8R00PUR Datasheet HTML 12Page - STMicroelectronics ST8R00PUR Datasheet HTML 13Page - STMicroelectronics ST8R00PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical characteristics
ST8R00
10/18
Doc ID 13449 Rev 2
Figure 16.
Internal leakage current vs.
temperature (VI = VINH = 5 V)
Figure 17.
Internal leakage current vs.
temperature (VI = 5 V)
Figure 18.
NMOS switch on resistance vs.
temperature
Figure 19.
PMOS switch on resistance vs.
temperature
Figure 20.
Efficiency vs. output current
(L = 10 µH)
Figure 21.
Efficiency vs. output current
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, VFB=2V, VLX=4V, No Inductor
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, VFB=2V, VLX=4V, No Inductor
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5 , VINH=GND, VFB=2V, VLX=4V, No Inductor
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5 , VINH=GND, VFB=2V, VLX=4V, No Inductor
0
100
200
300
400
500
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
0
100
200
300
400
500
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
0
100
200
300
400
500
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V
0
100
200
300
400
500
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
100
200
300
400
500
600
700
800
900 1000
I
O [mA]
V
I= VINH=5V, L=10µH, IO= from 0A to 1A
V
O@7V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
100
200
300
400
500
600
700
800
900 1000
I
O [mA]
V
I= VINH=5V, L=10µH, IO= from 0A to 1A
V
O@7V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
100
200
300
400
500
600
700
800
900 1000
I
O [mA]
V
I= VINH=5V, IO=from 0A to 1A
V
O@7V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
100
200
300
400
500
600
700
800
900 1000
I
O [mA]
V
I= VINH=5V, IO=from 0A to 1A
V
O@7V


Similar Part No. - ST8R00PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
   Micropower 1A synchronous step-up DC-DC converter
logo
Littelfuse
ST8R001B LITTELFUSE-ST8R001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
ST8R003B LITTELFUSE-ST8R003B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
ST8R006B LITTELFUSE-ST8R006B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
STMicroelectronics
ST8R00W STMICROELECTRONICS-ST8R00W Datasheet
793Kb / 19P
   Micropower 1A synchronous step-up DC-DC converter
More results

Similar Description - ST8R00PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
   Micropower 1A synchronous step-up DC-DC converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com