Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNAP-AIMA-32-FM Datasheet(PDF) 4 Page - Opto Electronics Co,. LTD

Part # SNAP-AIMA-32-FM
Description  SNAP Analog Input Modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIMA-32-FM Datasheet(HTML) 4 Page - Opto Electronics Co,. LTD

  SNAP-AIMA-32-FM Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
4
0 to 10 Amp RMS AC/DC Input Module
Specifications
Description
The SNAP-AIARMS module provides an input range of 0 to 10
amps RMS AC/DC. An ideal input is the 5-amp secondary of a
standard current transformer used to monitor AC line current.
The SNAP-AIARMS module may be used to monitor AC
current to greater than a 100-amp range, using a current
transformer of suitable ratio.
If you need a module with channel-to-channel isolation, see
form #1182, the SNAP Isolated Analog Input Modules Data
Sheet.
Wiring diagrams are on the following page.
Part Number
Description
SNAP-AIARMS Two-channel 0 to 10 amp RMS AC/DC input
Input Range
0 to 10 amp RMS AC/DC
Input Over-Range
To 11 amps
Input Resistance
0.005 ohms
Maximum Input
11 amps AC/DC
Accuracy (AC)
±8 mA and ±0.2% reading
Resolution
400 microamps
DC Reversal
±16 mA (0.16%)
Input Response Time
(Step Change)
63.2% (158 V) in 50 mS
99% (248 V) in 75 mS
Data Freshness (Max)
32.3 ms
DC Common Mode Rejec-
tion
>-120 dB
AC Common Mode Rejec-
tion
>-120 dB at 60 Hz
Maximum Operating Com-
mon Mode Voltage
250 V
Isolation
1500 V
Power Requirements
5 VDC (±0.15 V) at 170 mA
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Wire size
22 to 14 AWG
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime


Similar Part No. - SNAP-AIMA-32-FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM** ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AIMA-32-FM

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com