Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNAP-AIMA-32-FM Datasheet(PDF) 8 Page - Opto Electronics Co,. LTD

Part # SNAP-AIMA-32-FM
Description  SNAP Analog Input Modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIMA-32-FM Datasheet(HTML) 8 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIMA-32-FM Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIMA-32-FM Datasheet HTML 12Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
8
Current Input Module, -20 mA to +20 mA, Eight Channels
Specifications
SNAP-AIMA-8
4-20 self-powered (self-
sourcing) transmitters
Current Source
NOTE: Terminals 2, 4, 6, and 8 on both
connectors are connected internally.
NOTE: For transmitters sharing the plus side of the loop power
supply, the input current will be read as a positive current.
CH 2
CH 1
CH 0
CH 3
T
1
23
4
5
6
7
8
T
T
T
T
2 3
4 5 6
7 8 1
2 3
4 5 6
7 8
CH 4
CH 5
CH 6
CH 7
T
T
T
External loop
power supply
OR
See additional wiring diagrams on page 7.
Description
The SNAP-AIMA-8 module provides an input range of -20mA
to +20mA with eight channels of analog current input. (If you
need a similar module with 32 channels, see page 9.) The
SNAP-AIMA-8 can be used with SNAP PAC brains and rack-
mounted controllers only. These modules DO NOT supply
loop excitation current.
Since all inputs share a common reference, the module must
be installed at the beginning or end of a typical 4–20mA loop.
If you are using both standard and self-sourcing transmitters,
either put the transmitters on different modules or use
different power supplies. If you need channels that are
isolated from each other on the same module, see Opto 22
form #1182.
If you have multiple self-sourcing transmitters that share the
same positive common, do not use this module. Use the
SNAP-AIMA-i module instead. See Opto 22 form #1182.
Part Number
Description
SNAP-AIMA-8
Eight-channel analog current input,
-20 mA to +20 mA
Input Range
-20 mA to +20 mA
Over-Range Limits
From -22 to +22 mA
(+/-20 mA range)
Resolution
0.8 microamps
Data Freshness (Max)
0.28 seconds
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Survivable Input
36 mA or 9 VDC
Maximum Operating Common
Mode Voltage
250 V
Accuracy
0.05% (10 microamps)
DRIFT: Gain Temperature
Coefficient
30 PPM/ °C
DRIFT: Offset Temperature
Coefficient
15 PPM/ °C
Isolation
1500 V
Power Requirements
5 VDC (±0.15 ) @ 170 mA
Input Resistance - Single
Ended
100 ohms (all channels share
the same reference point)
Operating Temperature
0 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
1.7 in-lb (0.19 N-m)
Agency Approvals
CE, RoHS, DFARS
Warranty
Lifetime


Similar Part No. - SNAP-AIMA-32-FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM** ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AIMA-32-FM

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com