Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP3-M-AC12V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # HP3-M-AC12V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-M-AC12V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  HP3-M-AC12V Datasheet HTML 1Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 2Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 3Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 4Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 5Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 6Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 7Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 8Page - Panasonic Semiconductor HP3-M-AC12V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HP
4. Direct mounting (with lamp wired) type
DC TYPES
AC TYPE (50/60 Hz) at 60 Hz, 20
°C 68°F
LAMP-WIRED RELAYS
Variation
Notes:
1. AC 48 V type is not available for lamp wiring.
Type
Part No.
Nominal coil
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable
voltage,
V DC
Coil
resistance,
Ω (±10%)
Nominal coil
current,
mA
Nominal
operating
power,
W
3 Form C Neon lamp
HP3-ML-DC110V
110
88
16.5
121
7,450
14.9
1.6
Type
Part No.
Nominal coil
voltage,
V AC
Pick-up
voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Max.
allowable
voltage,
V AC
Inductance,
H
Nominal coil
current,
mA
Nominal
operating
power,
VA
3 Form C Neon lamp
HP3-ML-AC115V
115 V
92
34.5
126.5
10.36
28.5
3.3
HP3-ML-AC220V
220 V
176
66
242
39.32
14.2
3.1
HP3-ML-AC240V
240 V
192
72
264
44.05
13.9
3.3
Type
Coil Voltage
AC
DC
HP2-L
HP3-L
HP3-ML
HP4-L
6 V
6 V
LED (Light emitting diode)
12 V
12 V
24 V
24 V
48 V
115 V
110 V
Neon lamp
220 V
240 V
Specifications
Life of neon lamp....continuous: more than 25,000 hours
(more than 3 years)
on/off = 1:
more than 6 years
Life of LED .............continuous: more than 50,000 hours
(more than 5.5 years)
on/off = 1:
more than 100,000 hours
(more than 11 years)
NEON LAMP
LED
Circuit diagrams
Notes:
1. Pay attention to the polarity of coil See circuit diagram (LED type only).
Neon lamp type
LED type
Terminal No.
(DC type)
Type
HP2-L
HP3-L
HP3-ML
HP4-L
Polarity
( + )
7
10
10
( – )
221
Operating current of LED
Notes:
1. Operating current of relays should be
increased by the value of LED operating
current. Please refer the table. Operating
current of neon lamp is approx. 0.3 mA to 0.4
mA.
2. To use the HP relay in the inductive load
circuit, the contact protection circuit is
recommended.
Coil Voltage
Operating current of LED
DC 6V
DC 6.4 mA
DC 12V
DC 5.7 mA
DC 24V
DC 4.7 mA
DC 48V
DC 4.5 mA
AC 6V
AC 10.5 mA
AC 12V
AC 9.0 mA
AC 24V
AC 7.7 mA
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP3-M-AC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP3-M-AC12V NAIS-HP3-M-AC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
More results

Similar Description - HP3-M-AC12V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com