Electronic Components Datasheet Search |
|
HBL3100MI6W Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
HBL3100MI6W Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 12 page For complete listing of Hubbell Products see our full line catalog. www.hubbell-wiring.com 7 • Plug and switch are interlocked for superior safety • UL1686 C1 listed and fully interchangeable with other UL1686 C1 devices • Compact size and footprint for easy placement • NEMA 4X with receptacle lid turned shut or with plug locking ring tightened Unfused Mechanical Interlocks and Plugs Amp Poles/Wires Voltage AC Receptacle Plug 30 3 Pole, 2 Wire 600V AC HBLVSQ3023 HBLVP3385 4 Pole, 3 Wire 600V AC HBLVSQ3034 HBLVP3485 60 3 Pole, 2 Wire 600V AC HBLVSQ6023 HBLVP6385 4 Pole, 3 Wire 600V AC HBLVSQ6034 HBLVP6485 Note: HBLVSQ Series 30A models come standard with 1" drilled and tapped conduit openings top and bottom plus two 1" x ¾" reducers and one ¾" close-up plug for maximum flexibility. 60A models come with one 1½" opening on top and bottom and one 1½" close-up plug. Hubbell’s hazardous location unfused disconnect and mechanical interlock switches are ideal for applications with the presence of flammable gases or vapors, or ignitable dusts and fibers. They are also suitable for use in outdoor or indoor damp, wet and dirty locations or in areas where frequent wash-downs, heavy rain or water spray routinely occurs. Compact in size to reduce cost over industry standard sizes, these switches are easy to position on the wall or piece of equipment. The enclosures are made of copper-free aluminum and have a polyester/epoxy finish to prevent corrosion. The high visibility handles can be locked to meet OSHA lockout/tagout regulations. Hubbell hazardous location mechanical interlocks and plugs offer superior safety. The plug and switch are interlocked so that the switch cannot be turned “ON” without the plug fully inserted, and the plug cannot be removed when the switch is in the “ON” position. The switch features a copper-free aluminum construction with epoxy finish and a chemical-resistant Valox® handle mechanism. HBLB7NFD26A HBLB7NFD13A Unfused Disconnect Switches 3 Pole 600V AC/230V DC Amp Description Catalog Number 30 Disconnect switch. HBLB7NFD13A Disconnect switch with auxiliary contact. HBLB7NFD13AA 60 Disconnect switch. HBLB7NFD26A Disconnect switch with auxiliary contact. HBLB7NFD26AA 100 Disconnect switch. HBLB7NFD21A Disconnect switch with auxiliary contact. HBLB7NFD21AA Hazardous Location Unfused Disconnect Switches, Mechanical Interlocks and Plugs Heavy Duty Industrial Environments • Compact size provides application flexibility and cost savings • Fewer cover bolts reduces installation and maintenance time • Removable ductile mounting lugs adjust to irregular mounting surfaces • UL 98 certified switch HBLVSQ3034 HBLVP3485 Class I, Div. 1 & 2, Groups B,C,D Class l, Zones 1 & 2, Groups llB+ H2, llA Class II, Div. 1 & 2, Groups E,F,G Class III NEMA 3, 4, 4X, 7(B,C,D), 9(E,F,G) Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company. |
Similar Part No. - HBL3100MI6W |
|
Similar Description - HBL3100MI6W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |