Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP2-AC220V Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # HP2-AC220V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP2-AC220V Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button HP2-AC220V Datasheet HTML 3Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 4Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 5Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 6Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 7Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 8Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 9Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 10Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HP
HP3 (3 Form C) Plug-in terminal types
38
1.496
0.5
.020
44
1.732
3
.118
5
.197
7
.276
36
1.417
4.75
.187
11
.433
11
.433
38
1.496
0.5
.020
2
.079
2
.079
4
.157
36
1.417
5.75
.226
5.5
.217
8.5
.335
7.65
.301
4.1
.161
5
.197
8
.315
5
.197
Accepts
Faston 187
Circuit diagram
mm inch
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
HP3-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or the rear of the
panel.
22.23
.875
56
2.205
0.6
.024
7.65
.301
2.75
.108
8.5
.335
38
1.496
22
.866
42.95
1.691
4.1
.161
3.5
.138
5
.197
5
.197
3.5
.138
6.2
.244
48±0.2
1.890±.008
Lot No.
45
1.772
14.5
.571
4.2+
0.2
−0
dia.
.165+
.008
−0
dia.
11
.433
11
.433
8
.315
1
.039
5.5
.217
30
1.181
5.5
.217
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
31+1
–0
1.220+0.39
–0
31+1
–0
1.220+.039
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
48
±0.5
1.890
±.020
39+1
–0
1.535+.039
–0
46+1
–0
1.811+.039
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
3.5
.138
30
1.181
52±0.3
2.047±.012
HOLD DOWN CLIP
HP RELAY
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
HP3-SFD (with hold-down clip)
Front wiring in restricted space
Note: Hold down clip and installation screw block are included in package.
69±1
2.717±.039
80±1
3.150±.039
HOLD DOWN CLIP
HP3 RELAY
35.4±0.5
1.394±.020
58±1
2.283±.039
36±1
1.417±.039
6±0.3
.236±.012
37±0.6
1.457±.024
4.1±0.3
.161±.012
22±0.2
.866±.008
5.5±0.2
.217±.008
8.5±0.2
.335±.008
7.65±0.2
.301±.008
1.75±0.15
.069±.006
Max. 85 3.346
Max. 89 3.504
10±0.6
.394±.024
33.8±0.6
1.331±.024
37.9±0.6
1.492±.024
23.8±0.6
.937±.024
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
Mounting dimensions
12
.472
37±0.2
1.457±.008
37±0.2
1.457±.008
2-M4 .157
SCREW HOLE or
4.2±0.1 .165±.004
DIA. HOLE
Panel hole dimensions
for side-by-side installation
45
1.772
45
1.772
4 .157
69±0.5
2.717±.020
80
3.150
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP2-AC220V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP2-AC220V PANASONIC-HP2-AC220V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP2-AC220V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com