Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP3-DC110V Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # HP3-DC110V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-DC110V Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button HP3-DC110V Datasheet HTML 3Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 4Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 5Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 6Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 7Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 8Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 9Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 10Page - Panasonic Semiconductor HP3-DC110V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HP
HP3-M (3 Form C) Direct mounting types
2.1R
2.1R
38
1.496
16
.630
44
1.732
20.5
.807
16
.630
38
1.496
4.75
.187
4.75
.187
4.75
.187
36
1.417
2
.079
2
.079
0.5
.020
5.5
.217
5.75
.226
8.5
.335
7.65
.301
4.1
.161
0.5
.020
0.5
.020
0.5
.020
2.5
.098
2.5
.098
11
.433
11
.433
36
1.417
4.2
.165
7
.276
5
.197
3
.118
11
.433
60
2.362 73.5
2.894
4.2
.165
Accepts
Faston 187
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Mounting dimension
60
2.362
MIN. 2
.079
MIN. 40
1.575
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
4 mm SCREW or
8-32 NC-2 SCREW
SPRING
WASHER
36
1.417
16
.630
44
1.732 60
2.362
73.5
2.894
11
.433
20.5
.807
7
.276
5
.197
38
1.496
mm inch
HP4 (4 Form C) Plug-in terminal types
0.5
.020
5
.197
8
.315
5
.197
44
1.732 51
2.008
50
1.969
40
1.575
10
.394
0.8
.031
5.26
.207
36
1.417
25
.984
10
.394
10
.394
9.5 .374
7.5 .295
5.8 .228
5.3 .209
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Accepts
Faston 187
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP3-DC110V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP3-DC110V NAIS-HP3-DC110V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP3-DC110V PANASONIC-HP3-DC110V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP3-DC110V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com