Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8580AB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H8580AB
Description  8500 Rocker Switches - Miniature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H8580AB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H8580AB Datasheet HTML 1Page - List of Unclassifed Manufacturers H8580AB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tel: +44 (0)20 8979 3232 • Arcolectric • email: info@arcoswitch.co.uk
Finish
Matt finish only.
Colour
Call sales for custom colours.
A full range is available for large orders.
Legend printing
Select from the examples or call sales for
custom legends.
Lamp voltage
Call sales for details of available voltages.
Protective cover L167
(designed to IP65)
Snaps on to bodies with V or X style
rockers and A style lens, this reduces
maximum acceptable panel thickness to
2.2mm.
Examples of printing
CL076
CL080
H8550XB - - -
T8550XB - - -
T8550HB - - -
H8550HB - - -
H8500VB - - -
T8500VB - - -
H8550VB - - -
T8550VB - - -
H8553VB - - -
T8553VB - - -
H8580AB - - -
H8550RB Semi-rotary
A splash proofing option
H8500PO - - -
Pushbutton option
13
BODY
B
Standard body with terminal barrier
Panel cut-out
Bezel
BC
Body without terminal barrier
Panel cut-out
Bezel
Dimensions for snap-in fixing
Panel
thickness
Dim X
0.75-1.25
19.1/19.2
1.25-2.00
19.3/19.4
2.00-3.00
19.7/19.8
DIMENSIONS (mm)
5.1
22.5
9.0
2.0
9.0
14.0
6.0
9.5
OPTIONS
21.0
15.0
X
12.9
21.0
15.0
X
12.9
“B” body with barrier for
H, T and K terminals
5.1
16.0
4.5
2.0
9.0
14.0
“BC” body w/o barrier primarily
for L or R terminals
(can be used for all terminals)
Cut-outs must be punched in the direction of insertion
23.2
max
20.5
max
1
12.7
9.5
18.0
23.3
5.0
8.0
12.0
‘PO’ Actuator and body - push button function (8500 only)
CAT 170 P10-17 88-85-12-86_2:CAT 170 P10-17 88/85/12/86
5/11/09
15:57
Page 13


Similar Part No. - H8580AB

ManufacturerPart #DatasheetDescription
logo
Heyco.
H8580 HEYCO-H8580 Datasheet
144Kb / 1P
   Heyco® Nylon Conduit Fittings - Straight-Thru
H8580F HEYCO-H8580F Datasheet
144Kb / 1P
   Heyco® Nylon Conduit Fittings - Straight-Thru
More results

Similar Description - H8580AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com