Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9134-06M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9134-06M
Description  32 kHz Motherboard Frequency Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9134-06M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9134-06M Datasheet HTML 1Page - Integrated Circuit Systems ICS9134-06M Datasheet HTML 2Page - Integrated Circuit Systems ICS9134-06M Datasheet HTML 3Page - Integrated Circuit Systems ICS9134-06M Datasheet HTML 4Page - Integrated Circuit Systems ICS9134-06M Datasheet HTML 5Page - Integrated Circuit Systems ICS9134-06M Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical 32 kHz Supply Current
0.1
µF
0.1
µF
0.1
µF
2.2
µF
(Note 3)
VDD
VDD
Notes:
1)
The external components shown should be
placed as close to the device as possible.
2)
Pins 5 and 13 should be connected together
externally. One decoupling capacitor may
suffice for both pins.
3)
May be part of system decoupling.
32.768 kHz
crystal
Recommended External Circuit
ICS9134-06
ICS9134-07
5


Similar Part No. - ICS9134-06M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
   High Performance Communication Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
   High Performance Communication Buffer
2019
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
   High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
   HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Renesas Technology Corp
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
   HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results

Similar Description - ICS9134-06M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9131 IDT-ICS9131 Datasheet
300Kb / 8P
   32 KhZ Motherboard Frequency Generator
logo
Integrated Circuit Syst...
ICS9133X ICST-ICS9133X Datasheet
144Kb / 8P
   32 kHz Motherboard Frequency Generator
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
   32 KhZ Motherboard Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
   32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
   Motherboard Clock Generator
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
   Motherboard Clock Generator IC
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com