Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD75S Datasheet(PDF) 7 Page - NEC

Part # RD75S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD75S Datasheet(HTML) 7 Page - NEC

Back Button RD75S Datasheet HTML 3Page - NEC RD75S Datasheet HTML 4Page - NEC RD75S Datasheet HTML 5Page - NEC RD75S Datasheet HTML 6Page - NEC RD75S Datasheet HTML 7Page - NEC RD75S Datasheet HTML 8Page - NEC RD75S Datasheet HTML 9Page - NEC RD75S Datasheet HTML 10Page - NEC RD75S Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RD2.0S to RD120S
7
Data Sheet D11444EJ3V0DS00
Fig. 8 DYNAMIC IMPEDANCE vs. ZENER CURRENT
Fig. 9
ZENER VOLTAGE TEMPERATURE
Fig. 10 ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
COEFFICIENT vs. ZENER VOLTAGE
0.12
0
20
60
80
100
120
140
Vz - Zener Voltage - V
TYP.
%/°C
mV/°C
RD43S to RD120S
0.11
0.10
0.09
0.08
0.07
40
50
60
70
80
90 100 110 120
40
0.1
1
10
100
1
10
100
1000
IZ - Zener Current - mA
RD5.6S
RD24S
RD20S
RD15S
RD10S
RD7.5S
RD2.0S
RD2.4S
RD3.0S
RD3.9S
RD4.7S
RD5.1S
RD39S
0.1
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
0
4
8
12
16
20
24
28
32
36
40
–24
–16
–8
0
8
16
24
32
40
VZ - Zener Voltage - V
%mV/
°C
%V/
°C
RD2.0S to RD39S


Similar Part No. - RD75S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RD750VA-SIP POWEREX-RD750VA-SIP Datasheet
122Kb / 1P
   Complete Power Stage
RD750VA-SIP+MUDSP1 POWEREX-RD750VA-SIP+MUDSP1 Datasheet
122Kb / 1P
   Complete Power Stage
logo
List of Unclassifed Man...
RD757 ETC2-RD757 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
NEC
RD75E NEC-RD75E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD75E NJSEMI-RD75E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
More results

Similar Description - RD75S

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com