Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9120-47 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9120-47
Description  Modem and Audio Clock Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-47 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9120-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-47 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9120-47
Modem and Audio Clock Generator
9120-47 Rev B 071696
Block Diagram
The ICS9120-47 is a high performance frequency generator
designed to support digital compact disk drive systems. It
offers all clock frequencies required for the servo and decoder
sections of these devices. These frequencies are synthesized
from a single 16.9344 MHz on-chip oscillator.
High accuracy, low jitter PLLs meet the 150 ppm frequency
tolerance required by these systems. Fast output clock edge
rates minimize board induced jitter.
Unlike competitive devices, the ICS9120-47 operates over
the entire 3.0-5.5V range.
Generates the output clock frequencies required by
CD-ROM drive systems
Single 16.9344 MHz crystal or system clock reference
100ps one sigma jitter
Output rise/fall times less than 2.0ns (at 5V VDD)
On-chip loop filter components
3.0V-5.5V supply range
150 ppm output frequency accuracy
8-pin, 150-mil SOIC
Applications
Specifically designed to support CD-ROM drive
requirements of multimedia applications


Similar Part No. - ICS9120-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9120-46 ICST-ICS9120-46 Datasheet
122Kb / 5P
   Modem and Audio Clock Generator
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
   Frequency Generator for CD-ROM Systems
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
   Frequency Generator for CD-ROM Systems
More results

Similar Description - ICS9120-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-46 ICST-ICS9120-46 Datasheet
122Kb / 5P
   Modem and Audio Clock Generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com