Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9120-09 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9120-09
Description  Frequency Generator for Multimedia Audio Synthesis
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-09 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9120-09 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 5Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 6Page - Integrated Circuit Systems ICS9120-09 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9120-08
ICS9120-09
Electrical Characteristics at 5.0 V
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
VDD = +4.5 to +5.5 V, TA = 0-70
oC unless otherwise stated
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Low Current
IIL
VIN = 0V (For -09 only)
-18.0
-8.3
-
µA
Input High Current
IIH
VIN = VDD (For -09 only)-
-
5.0
µA
Output Low Voltage
VOL*IOL = 10 mA
-
0.15
0.4
V
Output High Voltage
VOH*IOH = -30 mA
2.4
3.7
-
V
Output Low Current
IOL*VOL =0.8V
25.0
45.0
-
mA
Output High Current
IOH*VOH = 2.4V
-
-53.0
-35.0
mA
Supply Current
ICC
Unloaded
-
22.0
50.0
mA
Supply Current, Power-
down
ICC(PD)
Unloaded (For -09 only)
-
180.0
500.0
µA
Pull-up Resistor Value
Rpu*(For -09 only)
-
400.0
800.0
k ohm


Similar Part No. - ICS9120-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-11 ICST-ICS9120-11 Datasheet
79Kb / 5P
   Frequency Generator for Multimedia Audio Synthesis
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
   Low-Cost 8-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9120-46 ICST-ICS9120-46 Datasheet
122Kb / 5P
   Modem and Audio Clock Generator
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
More results

Similar Description - ICS9120-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-11 ICST-ICS9120-11 Datasheet
79Kb / 5P
   Frequency Generator for Multimedia Audio Synthesis
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Cypress Semiconductor
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
logo
Rohm
BU2381FV ROHM-BU2381FV Datasheet
51Kb / 5P
   Multimedia ICs Clock generator for digital still camera
logo
National Semiconductor ...
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
   Multimedia Computer Audio Chip
logo
Integrated Circuit Syst...
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
   Frequency Generator for TransmetaTM
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com