Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL5504 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SL5504
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5504 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SL5504 Datasheet HTML 2Page - Fairchild Semiconductor SL5504 Datasheet HTML 3Page - Fairchild Semiconductor SL5504 Datasheet HTML 4Page - Fairchild Semiconductor SL5504 Datasheet HTML 5Page - Fairchild Semiconductor SL5504 Datasheet HTML 6Page - Fairchild Semiconductor SL5504 Datasheet HTML 7Page - Fairchild Semiconductor SL5504 Datasheet HTML 8Page - Fairchild Semiconductor SL5504 Datasheet HTML 9Page - Fairchild Semiconductor SL5504 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/30/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
Fig. 7 CTR vs. RBE (Saturated)
Fig. 8 Normalized toff vs. RBE
Fig. 10 Switching Speed vs. Load Resistor
Fig. 12 Dark Current vs. Ambient Temperature
Fig. 11 Collector Emitter Saturation Voltage vs. Collector Current
Fig. 9 Normalized ton vs. RBE
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10V
IC = 2mA
R L = 100
NORMALIZED TO:
t off AT RBE = OPEN
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
F = 20mA
I
F = 10mA
I
F = 5mA
VCE = 0.3V, TA= 25°C
Normalized to CTR at RBE = Open
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
Tf
Ton
Tr
IF = 10mA
VCC = 10V
TA = 25°C
R
BE - BASE RESISTANCE (k Ω )
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC = 10V
I C = 2mA
R L= 100Ω
NORMALIZED TO t on AT RBE = OPEN
TA - AMBIENT TEMPERATURE (°C)
020
406080
100
0.001
0.01
0.1
10
100
1000
10000
V
CE = 10V
TA = 25
oC
I C - (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
TA =25
oC
IF = 2.5mA
IF = 5mA
IF = 10mA
IF = 20mA


Similar Part No. - SL5504

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SL5504 FAIRCHILD-SL5504 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5504 FAIRCHILD-SL5504 Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5504 FAIRCHILD-SL5504 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - SL5504

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com