Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9112YM-27-T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9112YM-27-T
Description  Low Skew PCI / PCI-X Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112YM-27-T Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS9112YM-27-T Datasheet HTML 1Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9112YM-27-T Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
ICS9112-27
Preliminary Product Preview
ICS XXXX y M - PPP - T
Ordering Information
ICS9112yM-27-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
M=SOIC
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
150 mil (Narrow Body) SOIC
MIN
MAX
MIN
MAX
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
E
3.80
4.00
.1497
.1574
e
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
N
α
VARIATIONS
MIN
MAX
MIN
MAX
84.80
5.00
.1890
.1968
D mm.
D (inch)
SEE VARIATIONS
10-0030 Rev A - MS-012
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
1.27 BASIC
0.050 BASIC
N
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS9112YM-27-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112YM-28LF-T ICST-ICS9112YM-28LF-T Datasheet
87Kb / 3P
   Low Skew Output Buffer
More results

Similar Description - ICS9112YM-27-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
830584I IDT-830584I Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
ICS830584I IDT-ICS830584I Datasheet
281Kb / 12P
   LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com