Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP20-4824D Datasheet(PDF) 5 Page - Recom International Power

Part # RPP20-4824D
Description  20 Watt 2 1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-4824D Datasheet(HTML) 5 Page - Recom International Power

  RPP20-4824D Datasheet HTML 1Page - Recom International Power RPP20-4824D Datasheet HTML 2Page - Recom International Power RPP20-4824D Datasheet HTML 3Page - Recom International Power RPP20-4824D Datasheet HTML 4Page - Recom International Power RPP20-4824D Datasheet HTML 5Page - Recom International Power RPP20-4824D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
PP-5
REV: 0/2014
Package Style and Pinning (mm)
3
1
2
5
4
20.30
41
dia.
1.0
10.20
10.20
12.70
10.20
Bottom View
6
2.50
5.10
26
5.1 +/- 0.9
11.70
Standoff
= 1.3
3.3
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
CTRL
CTRL
POWERLINE+
DC/DC-Converter
RPP20-S_D
Series
Input Fuse is recommended. Recommended fuse rating = double maximum input current, time delay type.
Input Capacitor, C1, is required to meet EN61000 Surge and Fast Transient, otherwise it is not required for normal operation.
Output Capacitors C2/C3 are recommended, but not required for normal operation. Typical capacitor values are 1µF MLCC
To ensure optimum thermal performance, use large areas of copper on the PCB to assist with heat dissipation and mount the converter vertically.
Ribbed Case (Standard - no suffix)
C1
Fuse
C3
No tracks
in this area
(42 x 30mm)
Top View
C3
C2
Baseplate Case- suggested PCB layout
Single Output
Dual Output
Recommended PCB Layout


Similar Part No. - RPP20-4824D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-4805DW RECOM-RPP20-4805DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4805SW RECOM-RPP20-4805SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4812DW RECOM-RPP20-4812DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4812SW RECOM-RPP20-4812SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4815DW RECOM-RPP20-4815DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
More results

Similar Description - RPP20-4824D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com