Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP20-4824S Datasheet(PDF) 1 Page - Recom International Power

Part # RPP20-4824S
Description  20 Watt 2 1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-4824S Datasheet(HTML) 1 Page - Recom International Power

  RPP20-4824S Datasheet HTML 1Page - Recom International Power RPP20-4824S Datasheet HTML 2Page - Recom International Power RPP20-4824S Datasheet HTML 3Page - Recom International Power RPP20-4824S Datasheet HTML 4Page - Recom International Power RPP20-4824S Datasheet HTML 5Page - Recom International Power RPP20-4824S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERLINE+
DC/DC-Converter
with 3 year Warranty
RPP20
www.recom-international.com
PP-1
REV: 0/2014
20 Watt
2:1 Single &
Dual Output
+115°C Maximum Case Temperature
-40°C Minimum Temp.
Built-in FCC/EN55022 Class B Filter
2:1 Input Voltage Range
Six Sided Shielded Enclosure
Ribbed or Baseplate Case Styles
Min. Efficiency 87%
2kVDC Isolation
Low Quiescent Current
Features
ICE
Technology*
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Efficiency
(2)
Range
Voltage
Current
(Typ.)
VDC
VDC
mA
RPP20-123.3S**
9-18
3.3
6000
88%
RPP20-1205S**
9-18
5
4000
89%
RPP20-1212S**
9-18
12
1666
88%
RPP20-1215S**
9-18
15
1333
88%
RPP20-1224S**
9-18
24
830
88%
RPP20-243.3S**
18-36
3.3
6000
88%
RPP20-2405S**
18-36
5
4000
89%
RPP20-2412S**
18-36
12
1666
88%
RPP20-2415S**
18-36
15
1333
89%
RPP20-2424S**
18-36
24
830
89%
RPP20-483.3S**
36-75
3.3
6000
88%
RPP20-4805S**
36-75
5
4000
89%
RPP20-4812S**
36-75
12
1666
89%
RPP20-4815S**
36-75
15
1333
88%
RPP20-4824S**
36-75
24
830
88%
RPP20-1212D**
9-18
±12
±833
88%
RPP20-1215D**
9-18
±15
±666
88%
RPP20-1224D**
9-18
±24
±416
88%
RPP20-2412D**
18-36
±12
±833
88%
RPP20-2415D**
18-36
±15
±666
89%
RPP20-2424D**
18-36
±24
±416
88%
RPP20-4812D**
36-75
±12
±833
88%
RPP20-4815D**
36-75
±15
±666
88%
RPP20-4824D**
36-75
±24
±416
87%
** add suffix for case options
Description
The RPP20 series 2:1 input range DC/DC converters are ideal for high end industrial
applications and COTS Military applications where a very wide operating temperature
range of -40°C to +115°C is required. Although the case size is very compact, the
converter contains a built-in filter EN55022 Class B / FCC Level B without the need for
any external components. The RPP20 is available in two case styles: the ribbed case for
active cooling and the baseplate case for high vibration, bulkhead-mounting or for pas-
sive cooling applications. They are UL-60950-1 certified.
RoHS
2011/65/EU
6/6
UL-60950-1 Certified
E224736
* ICE Technology
ICE (Innovation in Converter Excellence)
uses state-of-the-art techniques to mini-
mise internal power dissipation and to
increase the internal temperature limits
to extend the ambient operating
temperature range to the maximum.
Refer to Application Notes
SUFFIX INFORMATION
none = Standard Ribbed Case
-B = Baseplate Case
For other CTRL logic (-1), case style (-F) or low temperature options (-L, -M, -T) please contact RECOM for availability.


Similar Part No. - RPP20-4824S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-4805DW RECOM-RPP20-4805DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4805SW RECOM-RPP20-4805SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4812DW RECOM-RPP20-4812DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4812SW RECOM-RPP20-4812SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-4815DW RECOM-RPP20-4815DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
More results

Similar Description - RPP20-4824S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com