Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP20-1215S Datasheet(PDF) 3 Page - Recom International Power

Part # RPP20-1215S
Description  20 Watt 2 1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-1215S Datasheet(HTML) 3 Page - Recom International Power

  RPP20-1215S Datasheet HTML 1Page - Recom International Power RPP20-1215S Datasheet HTML 2Page - Recom International Power RPP20-1215S Datasheet HTML 3Page - Recom International Power RPP20-1215S Datasheet HTML 4Page - Recom International Power RPP20-1215S Datasheet HTML 5Page - Recom International Power RPP20-1215S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-international.com
PP-3
REV: 0/2014
Specifications (cont.)
POWERLINE+
DC/DC-Converter
RPP20-S_D
Series
Weight
Ribbed Case
26g
Baseplate Case
43g
Packing Quantity
Ribbed Case
5pcs per Tube
Baseplate Case
4pcs per Tube
Safety Standards
certified UL-60950-1, 1st Edition
Thermal Cycling
complies with MIL-STD-810F
Vibration
10-55Hz, 12G, 30 Min. along X, Y and Z
Conducted Emissions
EN55022
Class B
Radiated Emissions
EN55022
Class B
ESD
EN61000-4-2
Perf. Criteria B
Radiated Immunity
EN61000-4-3
Perf. Criteria A
Fast Transient(5)
EN61000-4-4
Perf. Criteria B
Surge(5)
EN61000-4-5
Perf. Criteria B
Conducted Immunity
EN61000-4-6
Perf. Criteria A
MTBF calculated according to BELLCORE TR-NWT-000332(6)
2195 x 103 hours
Notes :
1. Typical values at nominal input voltage and no load/full load.
2. Min. values at nominal input voltage and full load.
3. The ON/OFF pin voltage is referenced to negative input. The pin is pulled high internally.
ON/OFF control is standard with positive logic: e.g. RPP20-2405S, RPP20-4805D-B.
Pos. logic: 0= OFF, 1 = ON. The converter will be ON if the CTRL is left open.
4. Requires an external 100µF low ESR capacitor to meet EN61000-4-4 and EN61000-4-5
5. Case l: 50% Stress, Temperature at 50°C (Ground Benign).
6. To ensure a good all-round electrical contact, the bottom plate is pressed firmly into place into the aluminium case.The hydraulic press can leave
tooling marks and deformations to both the case and plate. The case is anodised aluminium, so there will be natural variations in the case colour and
the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are cosmetic only and do not affect the operation or
performance of the converters.
7. Example:
Rthcase-ambient = 7.5°C/W (vertical)
Tcase = Case Temperature
Rthcase-ambient = 11.5°C/W (horizontal)
Tambient = Environment Temperature
Pdissipation = Internal losses
Rthcase-ambient =
Tcase - Tambient
Pin = Input Power
Pdissipation
Pout = Output Power
Pdissipation = Pin-Pout =
Pout
- Pout
Ƞ = Efficiency under given Operating Conditions
Ƞ
Rthcase-ambient = Thermal Impedance
Pdissipation = Pin-Pout =
Pout
- Pout
Ƞ
Practical Example:
Take the RPP20-1205S with 50% load. What is the maximum ambient operating temperature? Use converter vertical in application.
Effmin = 89% @ Vnom
Pout = 20W
Poutapp = 20 x 0.5 = 10W
Pdissipation =
Pout
- Pout
Rth =
Tcasemax - Tambient
--> 7.5°C/W =
115°C - Tambient
Ƞ
Pdissipation
1.36W
Ƞ = ~88% (from Eff vs Load Graph)
T
ambient = 104.8°C
Pdissipation =
10
- 10 = 1.36W
0.88


Similar Part No. - RPP20-1215S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-2405DW RECOM-RPP20-2405DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2405SW RECOM-RPP20-2405SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2412DW RECOM-RPP20-2412DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2412SW RECOM-RPP20-2412SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2415DW RECOM-RPP20-2415DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
More results

Similar Description - RPP20-1215S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com