Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD36UM Datasheet(PDF) 1 Page - NEC

Part # RD36UM
Description  ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD36UM Datasheet(HTML) 1 Page - NEC

  RD36UM Datasheet HTML 1Page - NEC RD36UM Datasheet HTML 2Page - NEC RD36UM Datasheet HTML 3Page - NEC RD36UM Datasheet HTML 4Page - NEC RD36UM Datasheet HTML 5Page - NEC RD36UM Datasheet HTML 6Page - NEC RD36UM Datasheet HTML 7Page - NEC RD36UM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZENER DIODES
2PIN ULTRA SUPER MINI MOLD
DESCRIPTION
Type RD2.0UM to RD39UM Series are 2-pin
Ultra Super Mini Mold Package zener diodes
possessing an allowable power dissipation of 150
mW.
FEATURES
• Sharp Breakdown characteristics
•VZ; Applied E24 standard
APPLICATIONS
Circuits for Constant Voltage, Constant Current,
Waveform clipper, Surge absorber, etc.
ZENER DIODES
RD2.0UM to RD39UM
Document No. D13562EJ2V0DS00 (2nd edition)
(Previous No. DC-2136)
Date Published March 1999 N CP(K)
Printed in Japan
©
1993
DATA SHEET
2.1
±0.1
1.3
±0.1
Cathode
Indication
PACKAGE DIMENSIONS
(Unit: mm)
MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
150 mW
Forward Current
IF
100 mA
Reverse Surge Power
PRSM
85 W (at t = 10
µs/1 pulse) See Fig. 6.
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +155
°C
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - RD36UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD36UJ NEC-RD36UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
More results

Similar Description - RD36UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
logo
Rohm
2SA1037K ROHM-2SA1037K Datasheet
116Kb / 3P
   EPITAXIAL PLANAR SUPER / ULTRA MINI MOLD PNP SILICON TRANSISTORS
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com