Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-CD66 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-CD66
Description  Long Range Metal Body Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CD66 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-CD66 Datasheet HTML 2Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 3Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 4Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 5Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 6Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 7Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 8Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 9Page - Omron Electronics LLC E3S-CD66 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
E3S-C
E3S-C
6
Dimensions
Unit: mm (inch)
J
SENSORS
E3S-CT11, E3S-CR11
E3S-CD11, E3S-CD12
50 (1.97)
Two, M4
Light indicator (red)
M3 x 5
Mounting holes
18.5
(0.73)
9.2
(0.36)
4.2 (0.17)
20
(0.79)20.4
(0.80)
20
(0.79)
22.2
(0.87)
12
(0.47)
25.4
(1.00)
4.2 (0.17)
6.2 (0.24)
25.4 (1.00)
38.2 (1.50)
8.3
(0.33)
4.2 (0.17)
Vinyl-insulated cord with three conductors, 4 mm OD;
standard length: 2 m (6.56 ft.)
Stability indicator (green)
Two mounting holes
Two, M4
Lens (17 x 11) Receiver**
20.2
(0.80)
7.7 (0.30)
1.5
(0.06)
20.8
(0.82)
2.2
(0.09)
11.5 (0.45)
23
(0.91)
29.5
(1.16)17.3
(0.68)
25.4
(1.00)
Optical axis
9.3 (0.37)
Emitter
** For E3S-CT11, optical viewing for the emitter and the receiver are from the top portion of the sensor.
* The mounting bracket can
be attached to side A.


Similar Part No. - E3S-CD66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CD61 OMRON-E3S-CD61 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD61-M1 OMRON-E3S-CD61-M1 Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD61-M1J OMRON-E3S-CD61-M1J Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD612M OMRON-E3S-CD612M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD62 OMRON-E3S-CD62 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results

Similar Description - E3S-CD66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
   Long Range Metal Body Sensor
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
   Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
   Long-Range AC/DC Photoelectric Sensor
E3B2-R7M4D-US OMRON-E3B2-R7M4D-US Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
logo
Abracon Corporation
ART915X2117225TX21-IC ABRACON-ART915X2117225TX21-IC Datasheet
411Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Laird Tech Smart Techno...
BT510 LSTD-BT510 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X130930TX13-IC ABRACON-ART915X130930TX13-IC Datasheet
414Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com