Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDURF3040CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDURF3040CT
Description  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURF3040CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURF3040CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF3040CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF3040CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF3040CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF3040CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1067, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDURF3040CT/CTR
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage
Drop(Per leg)*
VF1
@ 15A, Pulse, TJ = 25°C
1.45
V
IR1
@VR = rated VR
TJ = 25°C
10
μA
Max. Reverse Current*
IR2
@VR = rated VR
TJ = 125°C
1.0
mA
Max. Reverse Recovery Time
trr
IF=500mA, IR=1A,and Irm=250mA
45
ns
* Pulse width < 300 µs, duty cycle < 2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
1.5
°C/W
Approximate Weight
wt
-
2
g
Case Style
ITO-220AB


Similar Part No. - SDURF3040CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SDURF3040CT THINKISEMI-SDURF3040CT Datasheet
764Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF3040CT THINKISEMI-SDURF3040CT Datasheet
271Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
SMC Diode Solutions Co....
SDURF3040CT SMCDIODE-SDURF3040CT Datasheet
269Kb / 4P
   SDURF3040CT(CTR) ULTRAFAST RECTIFIER
Rev. B
logo
Thinki Semiconductor Co...
SDURF3040CTD THINKISEMI-SDURF3040CTD Datasheet
764Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF3040CTD THINKISEMI-SDURF3040CTD Datasheet
275Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - SDURF3040CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com