Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDURF820 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDURF820
Description  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURF820 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURF820 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF820 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF820 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF820 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURF820 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0403, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDURF820
SDURF820 ULTRAFAST PLASTIC RECTIFIER
Applications:
Antiparallel diode for high frequency switching devices
Anti saturation diode
Snubber diode
Free wheeling diode in converters and motor control circuits
Rectifiers in switch mode power supplies (SMPS)
Inductive heating and melting
Uninterruptible power supplies (UPS)
Ultrasonic cleaners and welders
Features:
Utra-Fast Switching
High Current Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability Classification 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
ITO-220AC(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
-
2.55
-
e1
-
5.10
-
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
L4
-
1.10
1.50
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
Θ2
Θ3
10°
Θ4
Θ5


Similar Part No. - SDURF820

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SDURF820 SMCDIODE-SDURF820 Datasheet
372Kb / 4P
   SDURF820 ULTRAFAST RECTIFIER
Rev. B
More results

Similar Description - SDURF820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com