Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMK107BJ105KAHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # GMK107BJ105KAHT
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

GMK107BJ105KAHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  GMK107BJ105KAHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc GMK107BJ105KAHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
13JA05
RoHS compliance product
GMK107BJ105KAHT
35V 1608 X5R 1uF +/- 10% t=0.9mmMAX
35V 0603 X5R 1uF +/- 10% t=0.035inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
GMK107BJ105KAHT
Capacitance Freq.
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
GMK107BJ105KAHT
DC Bias Char.
-100
-80
-60
-40
-20
0
20
0
5
10
15
20
25
30
35
DC Bias Voltage[V]
GMK107BJ105KAHT
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
GMK107BJ105KAHT
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Temperature[degreeC]
GMK107BJ105KAHT
Ripple Current
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Ripple Current[Arms]
10kHz
100kHz
1M Hz


Similar Part No. - GMK107BJ105KAHT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GMK107BJ105KA-T NXP-GMK107BJ105KA-T Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
Taiyo Yuden (U.S.A.), I...
GMK107BJ105KA-T TAIYO-YUDEN-GMK107BJ105KA-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK107BJ105KA8T TAIYO-YUDEN-GMK107BJ105KA8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - GMK107BJ105KAHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316BJ225MLHT TAIYO-YUDEN-TMK316BJ225MLHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
TMK316BJ475MLHT TAIYO-YUDEN-TMK316BJ475MLHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK212B7104MGHT TAIYO-YUDEN-UMK212B7104MGHT Datasheet
303Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107B7222MAHT TAIYO-YUDEN-UMK107B7222MAHT Datasheet
313Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107B7332KAHT TAIYO-YUDEN-UMK107B7332KAHT Datasheet
313Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK212B7473KGHT TAIYO-YUDEN-UMK212B7473KGHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107BJ104MAHT TAIYO-YUDEN-UMK107BJ104MAHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK316B7105KLHT TAIYO-YUDEN-UMK316B7105KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK316AB7106MLHT TAIYO-YUDEN-EMK316AB7106MLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
JMK316AB7226KLHT TAIYO-YUDEN-JMK316AB7226KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
TMK325B7475KNHT TAIYO-YUDEN-TMK325B7475KNHT Datasheet
266Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com