Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83940AY-01 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS83940AY-01
Description  LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940AY-01 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS83940AY-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS83940AY-01 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
83940AY-01
www.icst.com/products/hiperclocks.html
REV. A JULY 31, 2001
9
Integrated
Circuit
Systems, Inc.
ICS83940-01
LOW SKEW, 1-TO-18
LVCMOS FANOUT BUFFER
PRELIMINARY
TABLE 5C. AC CHARACTERISTICS, VDDI = VDDO = 2.5V±5%, TA = 0° TO 70°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
z
H
M
H
L
p
t1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
PK
L
C
n
,
K
L
C0
< f ≤
z
H
M
0
0
2s
n
L
H
p
t1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
PK
L
C
n
,
K
L
C0
< f ≤
z
H
M
0
0
2s
n
)
o
(
k
s
t4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
O
D
D
V
@
s
p
)
p
p
(
k
s
t4
,
3
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
O
D
D
V
@
s
p
R
te
m
i
T
e
s
i
R
t
u
p
t
u
Oz
H
M
0
5
@
%
0
8
o
t
%
0
2s
n
F
te
m
i
T
ll
a
F
t
u
p
t
u
Oz
H
M
0
5
@
%
0
8
o
t
%
0
2s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
%
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
X
A
M
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
.
2
/
O
D
D
V
t
a
t
u
p
t
u
o
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
,
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
u
d
n
a
,
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N


Similar Part No. - ICS83940AY-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940AY-02 ICST-ICS83940AY-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940AY-02T ICST-ICS83940AY-02T Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
More results

Similar Description - ICS83940AY-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
   Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
83940D RENESAS-83940D Datasheet
428Kb / 17P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
logo
Integrated Circuit Syst...
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com