Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P300E-5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # P300E-5
Description  Ordering information
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P300E-5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button P300E-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
¡DERATING CURVE
¡OVERCURRENT CHARACTERISTICS (P50E-5)
¡RISE TIME & FALL TIME (P50E-5)
¡STATIC CHARACTERISTICS (P50E-5)
P
A-77
P50E
External view
Connector type
Barrier strip type
¶Mounting torque:0.49N.m(5.0kgf.cm)max
¶Maximum 5A per pin of CN2 can be
applied.
I/O Connector
CN1 10-31-1048 10-63-3044 Chain: 08-70-1031
Loose: 08-70-1030
CN2 09-65-2049 09-50-1043 Chain: 08-70-1031
Loose: 08-70-1030
CN3 10-31-1028 10-63-3024 Chain: 08-70-1031
Loose: 08-70-1030
(Mfr : Molex)
Mating Connector
Terminal
Performance data


Similar Part No. - P300E-5

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
P300 LSTD-P300 Datasheet
134Kb / 2P
   Polyimide Lined Gap Filler
logo
ETAL Group
P3000 ETAL-P3000 Datasheet
78Kb / 4P
   MICROPROFILE LINE ISOLATING HYBRID
logo
E-SWITCH
P300006 E-SWITCH-P300006 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Teccor Electronics
P3000AA61 TECCOR-P3000AA61 Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3000AA61L LITTELFUSE-P3000AA61L Datasheet
142Kb / 2P
   SIDACtor
More results

Similar Description - P300E-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com