Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380360 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 380360
Description  Digital Megohmmeter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380360 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  380360_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/25/11 - R1
1000V digital tester
With automatic 3 minute test
Digital Megohmmeter
Ordering Information:
380360................Digital Megohmmeter
380360-NIST ......380360 with Calibration Traceable to NIST
Features:
Three test voltages of
250V, 500V and 1000V
Insulation Resistance to 2000M
Safety Power Lock enables
“hands free” operation for 3 minute test
Automatic discharge when safety
“Press to Test” button is released
Auto power off and Data Hold
Large 0.65" (17mm) LCD display
Full function indication
Overload protection
Automatic zero adjustment
Fast response for both continuity
and low resistance testing
Continuity measurements to 200
and Voltage to 600VAC
Optional 380399 Resistance Checker
to check the performance of your Megohmmeter
Complete with 6 x AA batteries, heavy duty 2.5ft
(0.8m) test leads, alligator clip, large probe,
and case with neckstrap
Neckstrap for convenient operation
Specifications
Range
Basic Accuracy
Insulation Voltage
250V, 500V, 1000V
Insulation resistance(basic accuracy)
200M/2000M
<1000M
Ω (3%rdg+5d),>1000MΩ (5%rdg+5d)
AC Voltage (accuracy)
600V
(0.8%rdg+3d)
Low Resistance
200
(1%rdg)
Output short circuit current
1.5 mA 0.3-0.5 mA
Ohmmeter (accuracy)
20/200
Ω (auto)
(1%rdg+2d)
Overload Protection
2200V (<1 min)
Continuity Beeper
<100
Dimensions
3.8 x 6.3 x 2.3" (97 x 160 x 58mm)
Weight
13oz (369g)


Similar Part No. - 380360_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380360 EXTECH-380360 Datasheet
303Kb / 1P
   Digital Megohmmeter
More results

Similar Description - 380360_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380360 EXTECH-380360 Datasheet
303Kb / 1P
   Digital Megohmmeter
380260 EXTECH-380260_15 Datasheet
213Kb / 1P
   Handheld Megohmmeter
380353 EXTECH-380353 Datasheet
239Kb / 7P
   High Voltage Megohmmeter
380363 EXTECH-380363 Datasheet
442Kb / 10P
   Insulation Tester / Megohmmeter
380260 EXTECH-380260 Datasheet
216Kb / 8P
   Insulation Tester / Megohmmeter
logo
IET Labs Inc.
1865 IET-1865 Datasheet
193Kb / 2P
   Megohmmeter/IR Tester
Dec. 2018
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
M65841SP MITSUBISHI-M65841SP Datasheet
805Kb / 13P
   DIGITAL REVERBE (DIGITAL DELAY)?
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
   Digital Echo (Digital Delay)
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
   Digital Echo (Digital Delay)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com