Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J411-5L Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # J411-5L
Description  ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

J411-5L Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  J411-5L Datasheet HTML 1Page - Teledyne Technologies Incorporated J411-5L Datasheet HTML 2Page - Teledyne Technologies Incorporated J411-5L Datasheet HTML 3Page - Teledyne Technologies Incorporated J411-5L Datasheet HTML 4Page - Teledyne Technologies Incorporated J411-5L Datasheet HTML 5Page - Teledyne Technologies Incorporated J411-5L Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2003 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
411 Page 2
www.teledynerelays.com
411/1203/Q1
SERIES 411
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Notes 2 & 3)
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 3)
Contact Arrangement
1 Form C (SPDT)
Rated Duty
Continuous
Contact Resistance
0.1 ohm max. before life; 0.2 ohm max. after life at 1A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50 μA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
300 milliwatts typical at nominal rated voltage @ 25°C
Operate Time
2.0 msec max. at nominal rated coil voltage
Release Time
411 Series: 1.5 msec max.
411D, 411DD, 411T Series: 4.0 msec max.
Contact Bounce
1.5 msec max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
10,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 500 Vrms/60Hz
70,000 ft.: 125 Vrms/60Hz
Negative Coil Transient (Vdc)
411D, 411DD, 411T
1.0 max
Diode P.I.V. (Vdc)
411D, 411DD, 411T
100 min.
411T
Transistor
Characteristics
Base Turn Off Voltage (Vdc)
0.3 min.
Emitter-base breakdown Voltage (BVEBO) (@25°C) (Vdc)
6.0 min.
Collector-base breakdown Voltage (BVEBO) (@25°C & lc = 100 μA) (Vdc)
75 min.
BASE PART
NUMBERS
(See Note 10 for full P/N example)
411-5
411D-5
411DD-5
411T-5
411-6
411D-6
411DD-6
411T-6
411-9
411D-9
411DD-9
411T-9
411-12
411D-12
411DD-12
411T-12
411-18
411D-18
411DD-18
411T-18
411-26
411D-26
411DD-26
411T-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
6.0
8.0
12.0
16.0
24.0
32.0
Coil Resistance
(Ohms ±10% @25°C)
411, 411D, 411T (Note 4)
63
125
280
500
1130
2000
411DD (Note 4)
50
98
280
500
1130
2000
Coil Current (mAdc @25°C)
(411DD Series)
Min.
72.7
46.3
25.9
20.0
13.6
11.5
Max.
100
62.4
33.7
25.6
17.2
14.4
Coil Current (mAdc @25°C)
(411T Series)
Min.
66.6
42.0
28.0
20.9
13.8
11.5
Max.
89.6
55.5
38.1
28.1
18.8
15.5
Pick-up Voltage (Vdc, Max.)
411, 411D
3.7
4.5
6.8
9.0
13.5
18.0
411DD
4.5
5.5
7.8
10.0
14.5
19.0
411T (Note 7)
3.9
5.2
7.8
10.0
14.5
19.0
Base Current to Turn On (mAdc, Max.) (411T Series) (Note 7)
2.38
1.60
1.07
0.80
0.53
0.40
Drop-out Voltage (Vdc)
(See Note 8 for 411T Series)
Min.
0.15
0.18
0.35
0.40
0.58
0.89
Max.
2.4
2.8
4.2
5.6
8.4
10.4
PERFORMANCE CURVES
(NOTE 2)
0
.1
.2
.3
.4
.5
.6
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
FIGURE 1
TYPICAL RF PERFORMANCE
INSER
TION
LOSS
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
FIGURE 2
TYPICAL DC CONTACT RATING (RESISTIVE)
RETURN LOSS (VSWR)
ISOLA
TION
411T
411,
411
D, 411DD
411, 411
D, 411DD
411T
411T
411
, 411D
, 411DD


Similar Part No. - J411-5L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - J411-5L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
ER412-26A TELEDYNE-ER412-26A Datasheet
152Kb / 7P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412T-5WL TELEDYNE-J412T-5WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
431 WILLOW-431 Datasheet
143Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-6WM TELEDYNE-J412D-6WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com