Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS670-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS670-01
Description  Low Phase Noise Zero Delay Buffer and Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS670-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS670-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS670-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS670-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS670-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS670-01
Low Phase Noise Zero Delay Buffer and Multiplier
MDS 670-01 B
5
Revision 100900
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel•http://www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS670M-01
ICS670M-01
tubes
16 pin narrow SOIC
0 to 70 °C
ICS670M-01T
ICS670M-01
tape and reel
16 pin narrow SOIC
0 to 70 °C
ICS670M-01I
ICS670M-01I
tubes
16 pin narrow SOIC -40 to 85 °C
ICS670M-01IT
ICS670M-01I
tape and reel
16 pin narrow SOIC -40 to 85 °C
External Components Selection
The ICS670-01 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01 µF should be connected between VDD and GND, as close to the part as possible. A
series termination resistor of 33
Ω may be used for each clock output.
16 pin SOIC narrow
Inch
hes
Millim
meters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSSC
1.27 BSSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
EH
e
A1
C
A
h x 45°
L
INDEX
AREA
1


Similar Part No. - ICS670-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS670-01 ETC2-ICS670-01 Datasheet
203Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
   Packaged in 16-pin SOIC
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
More results

Similar Description - ICS670-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
logo
Integrated Circuit Syst...
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com