Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9110V-T3T5G_2015 Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-9110V-T3T5G_2015
Description  3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110V-T3T5G_2015 Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-9110V-T3T5G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPB-9110V-T3T5G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPB-9110V-T3T5G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPB-9110V-T3T5G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPB-9110V-T3T5G_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPB-9110V-T3T5G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2009/8/2


Similar Part No. - SPB-9110V-T3T5G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
More results

Similar Description - SPB-9110V-T3T5G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
SPB-9110VW-T3T5G_2015 OPTOWAY-SPB-9110VW-T3T5G_2015 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
SPB-9110V-R3R5G OPTOWAY-SPB-9110V-R3R5G Datasheet
138Kb / 5P
   1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SMDual Receiver
SPB-9110V-R3R5G OPTOWAY-SPB-9110V-R3R5G_15 Datasheet
133Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
SPB-9110V-R3R5G_2015 OPTOWAY-SPB-9110V-R3R5G_2015 Datasheet
133Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
SPB-9110VW-R3R5G_2015 OPTOWAY-SPB-9110VW-R3R5G_2015 Datasheet
134Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
SPB-9110VW-R3R5G OPTOWAY-SPB-9110VW-R3R5G_15 Datasheet
134Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G Datasheet
115Kb / 5P
   1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Dual Transmitter
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G Datasheet
116Kb / 5P
   1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com