Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630NSRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF630NSRPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF630NSRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF630NSRPBF Datasheet HTML 1Page - International Rectifier IRF630NSRPBF Datasheet HTML 2Page - International Rectifier IRF630NSRPBF Datasheet HTML 3Page - International Rectifier IRF630NSRPBF Datasheet HTML 4Page - International Rectifier IRF630NSRPBF Datasheet HTML 5Page - International Rectifier IRF630NSRPBF Datasheet HTML 6Page - International Rectifier IRF630NSRPBF Datasheet HTML 7Page - International Rectifier IRF630NSRPBF Datasheet HTML 8Page - International Rectifier IRF630NSRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.irf.com
2
IRF630N/S/LPbF
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 5.4A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
117 176
ns
TJ = 25°C, IF = 5.4A
Qrr
Reverse Recovery Charge
–––
542 813
nC
di/dt = 100A/µs
ƒ
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
9.3
37
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.26 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.30
VGS = 10V, ID = 5.4A
ƒ
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.9
–––
–––
S
VDS = 50V, ID = 5.4A
ƒ
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
35
ID = 5.4A
Qgs
Gate-to-Source Charge
–––
–––
6.5
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
17
VGS = 10V
ƒ
td(on)
Turn-On Delay Time
–––
7.9
–––
VDD = 100V
tr
Rise Time
–––
14
–––
ID = 5.4A
td(off)
Turn-Off Delay Time
–––
27
–––
RG = 13
tf
Fall Time
–––
15
–––
RD = 18
ƒ
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
575
–––
VGS = 0V
Coss
Output Capacitance
–––
89
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
25
–––
pF
ƒ = 1.0MHz
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.83
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40


Similar Part No. - IRF630NSRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630NS IRF-IRF630NS Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
logo
Fairchild Semiconductor
IRF630NS FAIRCHILD-IRF630NS Datasheet
209Kb / 11P
   N-Channel Power MOSFETs 200V, 9.3A, 0.30?
logo
International Rectifier
IRF630NS IRF-IRF630NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630NS TEL-IRF630NS Datasheet
173Kb / 2P
   Power MOSFET
logo
International Rectifier
IRF630NSPBF IRF-IRF630NSPBF Datasheet
292Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRF630NSRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com