Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG20 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TG20
Description  Transmitter with output cables terminated in modular RJ11 phone connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TG20 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TG20 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
TG20
Wire Tracer Kit
Non-Contact probe
audibly identifies
selected wire or
cable. Easily trace
wires from source to
termination.
Features
Transmitter with output cables terminated in
modular RJ11 phone connector
Transmitter injects traceable signal into
cables, checks telephone lines, and performs
continuity checks
Non-Contact probe audibly identifies
selected wire or cable
Easily trace wires from source to termination
Test for properly operating phone lines
Adjustable sensitivity control improves wire
identification and eliminates false detection
Continuity test — visible indication
Dimensions/Weight:
Probe - 8.7x2x1.3” (220x50x32mm)/ 3.2oz (91g);
Transmitter - 2.6x2.7x1.1” (65x68x28mm)/ 3.2oz (91g)
Complete with Wire Tracer Probe and Transmitter with
RJ11 phone connector and pair of alligator clips, and
two 9V batteries
Applications
Identify wire pairs
Trace telephone cables
Check continuity
Test telephone line condition
Ordering
TG20................. Wire Tracer Kit
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 11/12/13


Similar Part No. - TG20

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG20-S001N1LF HALO-TG20-S001N1LF Datasheet
365Kb / 2P
   Dual Transformer Isolation, SMD Package
TG20-S001N1RL HALO-TG20-S001N1RL Datasheet
365Kb / 2P
   Dual Transformer Isolation, SMD Package
logo
RFHIC
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
   GaN Hybrid Power Amplifier
logo
Toshiba Semiconductor
TG2000F TOSHIBA-TG2000F Datasheet
260Kb / 5P
   TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
TG2002V TOSHIBA-TG2002V Datasheet
217Kb / 6P
   1.9GHz BAND POWER AMPLIFIER MODULE (PHS DIGITAL CORDLESS TELEPHONE)
More results

Similar Description - TG20

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
   RJ11 Modular Plug - 4P4C
logo
Tripp Lite. All Rights ...
P420001 TRIPPLITE-P420001 Datasheet
472Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F-F)
P420-001 TRIPPLITE-P420-001 Datasheet
153Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F/F)
logo
Pomona Electronics
6323 POMONA-6323 Datasheet
24Kb / 1P
   Bantam Plug (Miniature Phone Plug) To RJ11
logo
Tripp Lite. All Rights ...
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
   DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
logo
List of Unclassifed Man...
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
   2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
logo
Tripp Lite. All Rights ...
T100-001-TST TRIPPLITE-T100-001-TST Datasheet
167Kb / 2P
   RJ11/RJ12/RJ45 Wire Crimper with Built-in Cable Tester
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
logo
Electronic Components L...
CP30223 CLIFF-CP30223 Datasheet
234Kb / 1P
   CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com