Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS552-02 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-02 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS552-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK
MDS 552-02 B
5
Revision 050401
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
PRE L IMINA R Y INF O RMA T IO N
ICS552-02
AC Electrical Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
VDD = 3.3V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
VDD = 5.0V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Notes: 1. With rail-to-rail input clock.
2. Between any two outputs with equal loading.
3. Propagation delay matching through the part.
4. Duty cycle on outputs will match incoming clock duty cycle. Consult ICS for tight duty cycle clock
generators.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.5
ns
Propagation Delay
Note 1
3.5
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Input A to Input B skew
Note 3
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.0
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.0
ns
Propagation Delay
Note 1
3.0
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Input A to Input B skew
Note 3
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.7
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.7
ns
Propagation Delay
Note 1
2.8
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Input A to Input B skew
Note 3
0
50
ps


Similar Part No. - ICS552-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
More results

Similar Description - ICS552-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
552-02S IDT-552-02S Datasheet
132Kb / 10P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
   Low Skew 1 to 2 Clock Buffer
2019
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
   Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com