Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS527R-01I Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS527R-01I
Description  Clock Slicer??User Configurable Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS527R-01I Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS527R-01I Datasheet HTML 1Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 2Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 3Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 4Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 5Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 6Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 7Page - Integrated Circuit Systems ICS527R-01I Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ICS527-01
Clock Slicer™
User Configurable Zero Delay Buffer
MDS 527-01 B
6
Revision 020801
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA•95126•(408)295-9800tel • www.icst.com
Multiple Output Example
In this example, an input clock of 125 MHz is used. Eight copies of 50 MHz are required as are eight
copies of 25 MHz, de-skewed and aligned to the 125 MHz input clock. The following solution uses the
MK74CB217 which has dual 1 to 8 buffers with low pin to pin skew.
125 MHz
0.01 µF
0.01 µF
25 MHz
R5
R6
DIV2
S0
S1
VDD
ICLK
FBIN
GND
GND
R4
R3
R2
R1
R0
VDD
CLK1
CLK2
OECLK2
2XDRIVE
F0
F1
F2
F6
F5
F4
F3
PDTS
INA
QA0
QA1
QA2
VDD
VDD
QA3
QA4
GND
GND
INB
VDD
QB3
QA5
QA6
GND
QA7
OEA
QB5
QB6
QB7
OEB
QB0
QB1
QB2
VDD
QB4
GND
0.01 µF
0.01
µF
VDD
This configuration produces the following waveforms:
125 MHz, ICLK
25 MHz, QA0-7
50 MHz, QB0-7
Using the equation for selecting the dividers gives:
25 MHz = 125 MHz • (FDW + 2)
(RDW + 2)
If FDW = 0, then RDW = 8. This gives the required divide-by-5 function. Setting pin DIV2 = 1 gives
both a 25 MHz and 50 MHz output from the ICS527-01. The FBIN pin is connected to the QA7 output
of the MK74CB217. This aligns all the outputs of the MK74CB217 with the 125 MHz input since the
ICS527-01 aligns rising edges on the ICLK and FBIN pins.
In this example, series termination resistors have been omitted for clarity but should be used on all clock
outputs.


Similar Part No. - ICS527R-01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
More results

Similar Description - ICS527R-01I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com