Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS527-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS527-01
Description  Clock Slicer??User Configurable Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS527-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS527-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS527-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ICS527-01
Clock Slicer™
User Configurable Zero Delay Buffer
MDS 527-01 B
7
Revision 020801
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA•95126•(408)295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
ICS527R-01
0
70
°C
ICS527R-01I
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V unless otherwise noted)
DC CHARACTERISTICS (VDD = 3.3V unless otherwise noted)
Operating Voltage, VDD
3
3.6
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input High Voltage, VIH, ICLK and FBIN
pins 7, 8
(VDD/2)+1
V
Input Low Voltage, VIL, ICLK and FBIN
pins 7, 8
(VDD/2)-1
V
Output High Voltage, VOH (2X DRIVE = 0)
IOH=-12mA
2.4
V
Output Low Voltage, VOL (2X DRIVE = 0)
IOL=12mA
0.4
V
Output High Voltage, VOH (2X DRIVE = 1)
IOH=-25mA
2.4
V
Output Low Voltage, VOL (2X DRIVE = 1)
IOL=25mA
0.4
V
IDD Operating Supply Current, 15 MHz IN
60MHz out, no load
8
mA
IDD Operating Supply Current, Power Down
20
µA
Short Circuit Current (2XDRIVE = 0)
CLK outputs
±70
mA
Short Circuit Current (2XDRIVE = 1)
CLK outputs
±140
mA
On-Chip Pull-up Resistor
270
k
Input Capacitance
4
pF
AC CHARACTERISTICS (VDD = 3.3V unless otherwise noted)
AC CHARACTERISTICS (VDD = 3.3V unless otherwise noted)
Input Frequency, clock input
0.6
200
MHz
Output Frequency, CLK1
0 C to 70 °C
4
160
MHz
-40 C to +85 °C
4
140
MHz
CLK1 Frequency for correct SYNC operation
66
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
at VDD/2, 15 pF load
45
50
55
%
Power Down Time,PDTS low to clocks tri-stated
50
ns
Power Up Time, PDTS high to clocks stable
10
ms
Absolute Clock Period Jitter
Deviation from mean
±90
ps
One Sigma Clock Period Jitter
40
ps
Skew of output clocks, CLK1 to CLK2
Note 1
-250
0
250
ps
Input to output skew, ICLK to FBIN
Note 1
-250
0
250
ps
Device to device skew, common ICLK
at FBIN
0
500
ps
Electrical Specifications
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2.


Similar Part No. - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS527-01 IDT-ICS527-01 Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results

Similar Description - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com