Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNV35N07 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNV35N07
Description  OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNV35N07 Datasheet(HTML) 4 Page - STMicroelectronics

  VNV35N07 Datasheet HTML 1Page - STMicroelectronics VNV35N07 Datasheet HTML 2Page - STMicroelectronics VNV35N07 Datasheet HTML 3Page - STMicroelectronics VNV35N07 Datasheet HTML 4Page - STMicroelectronics VNV35N07 Datasheet HTML 5Page - STMicroelectronics VNV35N07 Datasheet HTML 6Page - STMicroelectronics VNV35N07 Datasheet HTML 7Page - STMicroelectronics VNV35N07 Datasheet HTML 8Page - STMicroelectronics VNV35N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
During
normal
operation, the
Input
pin
is
electrically connected to the gate of the internal
power MOSFET. The device then behaves like a
standard power MOSFET and can be used as a
switch from DC to 50 KHz. The only difference
from the user’s standpoint is that a small DC
current (Iiss) flows into the Input pin in order to
supply the internal circuitry.
The device integrates:
- OVERVOLTAGE
CLAMP
PROTECTION:
internally set at 70V, along with the rugged
avalanche
characteristics
of
the
Power
MOSFET stage give this device unrivalled
ruggedness and energy handling capability.
This feature is mainly important when driving
inductive loads.
- LINEAR CURRENT LIMITER CIRCUIT: limits
the drain current Id to Ilim whatever the Input
pin voltage. When the current limiter is active,
the device operates in the linear region, so
power dissipation may exceed the capability of
the
heatsink.
Both
case
and
junction
temperatures increase, and if this phase lasts
long enough, junction temperature may reach
the overtemperature threshold Tjsh.
- OVERTEMPERATURE AND SHORT CIRCUIT
PROTECTION: these are based on sensing
the chip temperature and are not dependent on
the input voltage. The location of the sensing
element on the chip in the power stage area
ensures fast, accurate detection of the junction
temperature. Overtemperature cutout occurs at
minimum 150
oC. The device is automatically
restarted when the chip temperature falls
below 135
oC.
- STATUS FEEDBACK: In the case of an
overtemperature fault
condition,
a
Status
Feedback is provided through the Input pin.
The internal protection circuit disconnects the
input from the gate and connects it instead to
ground via an equivalent resistance of 100
Ω.
The failure can be detected by monitoring the
voltage at the Input pin, which will be close to
ground potential.
Additional features of this device are ESD
protection according to the Human Body model
and the ability to be driven from a TTL Logic
circuit (with a small increase in RDS(on)).
PROTECTION FEATURES
VNP35N07FI-VNB35N07-VNV35N07
4/13


Similar Part No. - VNV35N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNV35N07 STMICROELECTRONICS-VNV35N07 Datasheet
139Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNV35N07-E STMICROELECTRONICS-VNV35N07-E Datasheet
464Kb / 24P
   OMNIFET: fully autoprotected Power MOSFET
Rev 3 February 2015
VNV35N07TR-E STMICROELECTRONICS-VNV35N07TR-E Datasheet
464Kb / 24P
   OMNIFET: fully autoprotected Power MOSFET
Rev 3 February 2015
More results

Similar Description - VNV35N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
   OMNIFET: fully autoprotected Power MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com