Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V28C5C50BL Datasheet(PDF) 7 Page - Vicor Corporation

Part # V28C5C50BL
Description  DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28C5C50BL Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V28C5C50BL Datasheet HTML 3Page - Vicor Corporation V28C5C50BL Datasheet HTML 4Page - Vicor Corporation V28C5C50BL Datasheet HTML 5Page - Vicor Corporation V28C5C50BL Datasheet HTML 6Page - Vicor Corporation V28C5C50BL Datasheet HTML 7Page - Vicor Corporation V28C5C50BL Datasheet HTML 8Page - Vicor Corporation V28C5C50BL Datasheet HTML 9Page - Vicor Corporation V28C5C50BL Datasheet HTML 10Page - Vicor Corporation V28C5C50BL Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
28 V Wide Micro Family
Rev 2.0
vicorpower.com
Page 7 of 11
12/2014
800 927.9474
28 V Wide Input
Module Enable/Disable
The module may be disabled by pulling PC to 0 V (2.3 V
max) with respect to the –Input. This may be done with an
open collector transistor, relay, or optocoupler. Converters
may be disabled with a single transistor or relay either directly
or via “OR’ing” diodes for 2 or more converters. See Figure 2.
Primary Auxiliary Supply
During normal operation only, the PC Pin can source 5.7 V @
1.5 mA. In the example shown in Figure 4, PC powers a mod-
ule enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will
shut down and PC will go low. PC will periodically go high
and the module will check to see if the fault (as an example,
Input Undervoltage) has cleared. If the fault has not been
cleared, PC will go low again and the cycle will restart. The
SC pin will go low in the event of a fault and return to its nor-
mal state after the fault has been cleared. See Figures 3 and 5.
PRIMARY CONTROL - PC PIN
Disable
Disable = PC < 2.3 V
+IN
PC
PR
–IN
Figure 2 — Module enable/disable.
Figure 4 — LED on-state indicator.
4 k
Ω
"Module
Enabled"
+IN
PC
PR
–IN
Optocoupler
+IN
PC
PR
–IN
4 k
Alarm
1.00 V
+OUT
SC
–OUT
Comparator
Input Undervoltage
Input Overvoltage [a]
Over Temperature
Module Faults
2-20 ms typ.
f(VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50
Ω
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3 shown
in "Fault" position
+OUT
SC
–OUT
+IN
PC
PR
–IN
[a] Not applicable for 300 Vdc Input family
1 M
Figure 3 — PC/SC module alarm logic.
Figure 6 —Isolated on-state indicator.
2-20 ms typ.
Fault
SC
PC
1.23 V
5.7 V
40 µs typ.
Figure 5 —PC/SC module alarm timing.
Figure 7 — Secondary side on-state indicator.


Similar Part No. - V28C5C50BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28C5H50BL VICOR-V28C5H50BL Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results

Similar Description - V28C5C50BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com