Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMDT670UPE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMDT670UPE
Description  20 V, 550 mA dual P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDT670UPE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMDT670UPE Datasheet HTML 2Page - NXP Semiconductors PMDT670UPE Datasheet HTML 3Page - NXP Semiconductors PMDT670UPE Datasheet HTML 4Page - NXP Semiconductors PMDT670UPE Datasheet HTML 5Page - NXP Semiconductors PMDT670UPE Datasheet HTML 6Page - NXP Semiconductors PMDT670UPE Datasheet HTML 7Page - NXP Semiconductors PMDT670UPE Datasheet HTML 8Page - NXP Semiconductors PMDT670UPE Datasheet HTML 9Page - NXP Semiconductors PMDT670UPE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PMDT670UPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 13 September 2011
6 of 16
NXP Semiconductors
PMDT670UPE
20 V, 550 mA dual P-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics (per transistor)
V(BR)DSS
drain-source
breakdown voltage
ID =-250µA; VGS =0V; Tj = 25 °C
-20
--V
VGSth
gate-source threshold
voltage
ID =-250µA; VDS =VGS; Tj = 25 °C
-0.5
-0.8
-1.3
V
IDSS
drain leakage current
VDS =-20 V; VGS =0V; Tj = 25 °C
---1
µA
VDS =-20 V; VGS =0V; Tj = 150 °C
-
-
-10
µA
IGSS
gate leakage current
VGS =8V; VDS =0V; Tj = 25 °C
---2
µA
VGS =-8 V; VDS =0V; Tj = 25 °C
---2
µA
VGS =4.5 V; VDS =0V; Tj = 25 °C
---0.5
µA
VGS =-4.5V; VDS =0V; Tj = 25 °C
---0.5
µA
RDSon
drain-source on-state
resistance
VGS =-4.5V; ID = -400 mA; Tj = 25 °C
-
0.67
0.85
VGS =-4.5V; ID = -400 mA; Tj = 150 °C
-
1.1
1.4
VGS =-2.5V; ID = -200 mA; Tj =25 °C
-
1.2
1.5
VGS =-1.8V; ID =-10 mA; Tj =25°C
-
1.8
2.8
gfs
forward
transconductance
VDS =-10 V; ID = -200 mA; Tj = 25 °C
-
610
-
mS
Dynamic characteristics (per transistor)
QG(tot)
total gate charge
VDS =-10 V; ID = -400 mA;
VGS =-4.5V; Tj =25°C
-
0.76
1.14
nC
QGS
gate-source charge
-
0.28
-
nC
QGD
gate-drain charge
-
0.18
-
nC
Ciss
input capacitance
VDS = -10 V; f = 1 MHz; VGS =0V;
Tj =25°C
-
5887pF
Coss
output capacitance
-
21
-
pF
Crss
reverse transfer
capacitance
-12
-pF
td(on)
turn-on delay time
VDS =-10 V; RL = 250 Ω; VGS =-4.5 V;
RG(ext) =6 Ω; Tj =25 °C
-
1836ns
tr
rise time
-
30
-
ns
td(off)
turn-off delay time
-
80
160
ns
tf
fall time
-
72
-
ns
Source-drain diode (per transistor)
VSD
source-drain voltage
IS = -300 mA; VGS =0V; Tj = 25 °C
-0.48
-0.84
-1.2
V


Similar Part No. - PMDT670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDT670UPE NEXPERIA-PMDT670UPE Datasheet
262Kb / 14P
   20 V, 550 mA dual P-channel Trench MOSFET
28 December 2022
More results

Similar Description - PMDT670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDT670UPE NEXPERIA-PMDT670UPE Datasheet
262Kb / 14P
   20 V, 550 mA dual P-channel Trench MOSFET
28 December 2022
PMDT290UCE NEXPERIA-PMDT290UCE Datasheet
334Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
PMDT290UCE NXP-PMDT290UCE Datasheet
255Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
Rev. 1-6 October 2011
logo
Nexperia B.V. All right...
PMR670UPE NEXPERIA-PMR670UPE Datasheet
467Kb / 17P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1 - 13 September 2011
logo
NXP Semiconductors
PMR670UPE NXP-PMR670UPE Datasheet
190Kb / 16P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1-13 September 2011
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com