Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32U2 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA32U2
Description  Non-volatile Program and Data Memories
Download  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32U2 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA32U2_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA32U2_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 310 page
background image
7
7799D–AVR–11/10
ATmega8U2/16U2/32U2
6.
AVR CPU Core
6.1
Introduction
This section discusses the AVR core architecture in general. The main function of the CPU core
is to ensure correct program execution. The CPU must therefore be able to access memories,
perform calculations, control peripherals, and handle interrupts.
6.2
Architectural Overview
Figure 6-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the program memory. This concept enables instructions to be executed
in every clock cycle. The program memory is In-System Reprogrammable Flash memory.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
SPI
Unit
Watchdog
Timer
Analog
Comparator
I/O Module 2
I/O Module1
I/O Module n


Similar Part No. - ATMEGA32U2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U2-AU ATMEL-ATMEGA32U2-AU Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2-AU ATMEL-ATMEGA32U2-AU Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2-MU ATMEL-ATMEGA32U2-MU Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U2-MU ATMEL-ATMEGA32U2-MU Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
More results

Similar Description - ATMEGA32U2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA169 ATMEL-ATMEGA169_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com