Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8HVA Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA8HVA
Description  High Endurance Non-volatile Memorie segments
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8HVA Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA8HVA_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA8HVA_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
7
8024A–AVR–04/08
ATmega8HVA/16HVA
2.1
Comparison Between ATmega8HVA and ATmega16HVA
The ATmega8HVA and ATmega16HVA differ only in memory size and interrupt vector size.
Table 2-1 summarizes the different configuration for the two devices.
3.
Disclaimer
All Min, Typ and Max values contained in this datasheet are preliminary estimates based on sim-
ulations and characterization of other AVR microcontrollers manufactured on the same process
technology. Final values will be available after the device is characterized.
4.
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download on http://www.atmel.com/avr.
Note:
1.
5.
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 PPM over 20 years at 85°C or 100 years at 25°C.
6.
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. These code examples assume that the part specific header file is included before
compilation. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
For I/O registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI”
instructions must be replaced with instructions that allow access to extended I/O. Typically
“LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
Table 2-1.
Configuration summary
Device
Flash
Interrupt vector size
ATmega8HVA
8K
1 Word
ATmega16HVA
16K
2 Word


Similar Part No. - ATMEGA8HVA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8HVA ATMEL-ATMEGA8HVA_14 Datasheet
333Kb / 22P
   Advanced RISC Architecture
More results

Similar Description - ATMEGA8HVA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16HVA ATMEL-ATMEGA16HVA_14 Datasheet
2Mb / 196P
   High Endurance Non-volatile Memorie segments
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
   High Endurance Non-volatile Memory segments
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   High Endurance Non-volatile Memory Segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
   High Endurance Non-volatile Memory segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com