Electronic Components Datasheet Search |
|
SPB-8805LWG Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
SPB-8805LWG Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 6 page Optoway SPB-8805LWG *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0 2 Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Operating Case Temperature Topr 0 -10 -40 70 85 85 oC SPB-8805LWG SPB-8805BLWG SPB-8805ALWG Relative Humidity RH 0 85 % Non condensing Power Supply Voltage Vcc 0 3.6 V Input Voltage --- GND Vcc V Output Current Iout 0 30 mA Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.13 3.3 3.47 V Power Supply Current ICC (TX+RX) 200 300 mA Operating Case Temperature Topr 0 -10 -40 70 85 85 oC / SPB-8805LWG oC / SPB-8805BLWG oC / SPB-8805ALWG Data Rate 1 4.25 Gb/s Transmitter Specifications (0 oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Optical Transmit Power Po -8 -3 dBm 1 Optical Modulation Amplitude @ 4.25 Gb/s OMA 290 µV Output Center Wavelength λ 1270 1310 1360 nm Output Spectrum Width σλ 2 nm RMS (σ) Optical Rise Time tr / tf 90 ps 20% to 80% Values Relative Intensity Noise RIN -118 dB/Hz Electrical Data Input Current – Low IIL -350 µA Data Input Current – High IIH 350 µA Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage – Low TDIS, L 0 0.5 V 2 TX Disable Input Voltage – High TDIS, H 2.0 Vcc V 2 TX Disable Assert Time TASSERT 10 µs TX Disable Deassert Time TDEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 3 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 3 1. Output power is power coupled into a 9/125 µm single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). |
Similar Part No. - SPB-8805LWG |
|
Similar Description - SPB-8805LWG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |